Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG7NT4180 Datasheet(PDF) 8 Page - Dialog Semiconductor

Part # SLG7NT4180
Description  Low Power Consumption
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG7NT4180 Datasheet(HTML) 8 Page - Dialog Semiconductor

Back Button SLG7NT4180 Datasheet HTML 2Page - Dialog Semiconductor SLG7NT4180 Datasheet HTML 3Page - Dialog Semiconductor SLG7NT4180 Datasheet HTML 4Page - Dialog Semiconductor SLG7NT4180 Datasheet HTML 5Page - Dialog Semiconductor SLG7NT4180 Datasheet HTML 6Page - Dialog Semiconductor SLG7NT4180 Datasheet HTML 7Page - Dialog Semiconductor SLG7NT4180 Datasheet HTML 8Page - Dialog Semiconductor SLG7NT4180 Datasheet HTML 9Page - Dialog Semiconductor SLG7NT4180 Datasheet HTML 10Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Logic Gates
SLG7NT4180
SLG7NT4180_r100
Page 8
Tape and Reel Specification
Package Type
# of
Pins
Nominal
Package
Size (mm)
Max Units
Reel &
Hub Size
(mm)
Trailer A
Leader B
Pocket (mm)
per reel
per box
Pockets
Length
(mm)
Pockets
Length
(mm)
Width
Pitch
TDFN 12L
2.5x2.5mm
0.4P Green
12
2.5x2.5x0.75
3000
3000
178/60
42
168
42
168
8
4
Carrier Tape Drawing and Dimensions
Package
Type
Pocket
BTM
Length
(mm)
Pocket
BTM Width
(mm)
Pocket
Depth
(mm)
Index Hole
Pitch
(mm)
Pocket
Pitch
(mm)
Index Hole
Diameter
(mm)
Index Hole
to Tape
Edge
(mm)
Index Hole
to Pocket
Center
(mm)
Tape Width
(mm)
A0
B0
K0
P0
P1
D0
E
F
W
TDFN 12L
2.5x2.5mm
0.4P Green
2.75
2.75
1.05
4
4
1.55
1.75
3.5
8
Refer to EIA-481 Specifications
Recommended Reflow Soldering Profile
Please see IPC/JEDEC J-STD-020: latest revision for reflow profile based on package volume of 4.6875 mm
3 (nominal).
More information can be found at www.jedec.org.


Similar Part No. - SLG7NT4180

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG7NT4100 DIALOG-SLG7NT4100 Datasheet
352Kb / 9P
   VR Enable and Discharge
SLG7NT4100V DIALOG-SLG7NT4100V Datasheet
352Kb / 9P
   VR Enable and Discharge
SLG7NT4100VTR DIALOG-SLG7NT4100VTR Datasheet
352Kb / 9P
   VR Enable and Discharge
SLG7NT41021 DIALOG-SLG7NT41021 Datasheet
218Kb / 8P
   DDR Sequencer and FET Driver
SLG7NT41021V DIALOG-SLG7NT41021V Datasheet
218Kb / 8P
   DDR Sequencer and FET Driver
More results

Similar Description - SLG7NT4180

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
XSMDKVG47M SUNLED-XSMDKVG47M Datasheet
252Kb / 3P
   Low power consumption
logo
OmniVision Technologies...
OVM6946 OMNIVISION-OVM6946 Datasheet
612Kb / 2P
   low power consumption
logo
Taoglas antenna solutio...
AP.25M.07.0080A TAOGLAS-AP.25M.07.0080A Datasheet
1Mb / 14P
   low power consumption
logo
SunLED Corporation
XDMYK14C SUNLED-XDMYK14C Datasheet
300Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com