Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG7NT4100V Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # SLG7NT4100V
Description  VR Enable and Discharge
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG7NT4100V Datasheet(HTML) 4 Page - Dialog Semiconductor

  SLG7NT4100V Datasheet HTML 1Page - Dialog Semiconductor SLG7NT4100V Datasheet HTML 2Page - Dialog Semiconductor SLG7NT4100V Datasheet HTML 3Page - Dialog Semiconductor SLG7NT4100V Datasheet HTML 4Page - Dialog Semiconductor SLG7NT4100V Datasheet HTML 5Page - Dialog Semiconductor SLG7NT4100V Datasheet HTML 6Page - Dialog Semiconductor SLG7NT4100V Datasheet HTML 7Page - Dialog Semiconductor SLG7NT4100V Datasheet HTML 8Page - Dialog Semiconductor SLG7NT4100V Datasheet HTML 9Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
VR Enable and Discharge
SLG7NT4100
SLG7NT4100_DB_r101
Page 4
Absolute Maximum Conditions
Parameter
Min.
Max.
Unit
VHIGH to GND
-0.3
7
V
Voltage at input pins
-0.3
7
V
Current at input pin
-1.0
1.0
mA
Storage temperature range
-65
150
°C
Junction temperature
--
150
°C
Electrical Characteristics
(@ 25°C, unless otherwise stated)
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3.0
3.3
3.6
V
IQ
Quiescent Current
Static inputs and outputs
--
1
--
μA
TA
Operating Temperature
-40
25
85
°C
IL
Input Leakage Current
Leakage Current for Digital Inputs or
outputs in High impedance state
-100
--
100
nA
VIH
HIGH-Level Input Voltage
Logic Input at VDD=3.3V
1.8
--
--
V
VIL
LOW-Level Input Voltage
Logic Input at VDD=3.3V
--
--
1.1
V
VOH
Output Voltage High
Push Pull Logic Level Output at
VDD=3.3V, IOH=3mA
2.1
--
--
V
VOL
Output Voltage Low
Push Pull Logic Level Output at
VDD=3.3V, IOL=3mA
--
--
0.81
V
VOL
Output Voltage Low
Open Drain Logic Level Output at
VDD=3.3V, IOL=10mA, 2X Drive
--
--
0.252
V
VO
Maximal Voltage Applied to any
PIN in High-Impedance State
--
--
VDD
V
IOL
LOW-Level Output Current
Push Pull Current at, VOL=0.4V
--
1
--
mA
IOL
LOW-Level Output Current
Open Drain Current at
VOL=0.4V, 2X Drive
28
--
--
mA
TSU
Start up Time
After VDD reaches 1.6V
--
7
--
ms


Similar Part No. - SLG7NT4100V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG7NT41021 DIALOG-SLG7NT41021 Datasheet
218Kb / 8P
   DDR Sequencer and FET Driver
SLG7NT41021V DIALOG-SLG7NT41021V Datasheet
218Kb / 8P
   DDR Sequencer and FET Driver
logo
Renesas Technology Corp
SLG7NT41021V RENESAS-SLG7NT41021V Datasheet
390Kb / 8P
   DDR Sequencer and FET Driver
February 25, 2022
logo
Dialog Semiconductor
SLG7NT41021VTR DIALOG-SLG7NT41021VTR Datasheet
218Kb / 8P
   DDR Sequencer and FET Driver
logo
Renesas Technology Corp
SLG7NT41021VTR RENESAS-SLG7NT41021VTR Datasheet
390Kb / 8P
   DDR Sequencer and FET Driver
February 25, 2022
More results

Similar Description - SLG7NT4100V

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC49121 E-CMOS-EC49121 Datasheet
794Kb / 13P
   600mA LDO with Fast Enable And Fast Discharge Function
EC49513A E-CMOS-EC49513A Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
logo
Infineon Technologies A...
TDA21242 INFINEON-TDA21242 Datasheet
1Mb / 23P
   Desktop and Server VR buck-converter
2.1 2017-03-07
logo
Orister Corporation
RS7213 ORISTER-RS7213 Datasheet
544Kb / 9P
   300mA High Speed, Low Noise LDO with Fast Enable and Fast Discharge Function
logo
Winbond
W51300 WINBOND-W51300 Datasheet
183Kb / 12P
   FLASH VR CONTROLLER
logo
Shenzhen Huazhimei Semi...
HM5817 HMSEMI-HM5817 Datasheet
356Kb / 6P
   0.38A charge 0.8A discharge belt enable control power supply SOC
logo
RICOH electronics devic...
R5210X RICOH-R5210X Datasheet
143Kb / 13P
   Step-down DC/DC Converter with VR and Reset
R5212D RICOH-R5212D Datasheet
796Kb / 26P
   Step-down DC/DC Converter with VR and Reset
logo
Shindengen Electric Mfg...
2SK1861 SHINDENGEN-2SK1861 Datasheet
411Kb / 10P
   VR Series Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com