Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG7NT4084V Datasheet(PDF) 8 Page - Dialog Semiconductor

Part # SLG7NT4084V
Description  LED CONTROL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG7NT4084V Datasheet(HTML) 8 Page - Dialog Semiconductor

  SLG7NT4084V Datasheet HTML 1Page - Dialog Semiconductor SLG7NT4084V Datasheet HTML 2Page - Dialog Semiconductor SLG7NT4084V Datasheet HTML 3Page - Dialog Semiconductor SLG7NT4084V Datasheet HTML 4Page - Dialog Semiconductor SLG7NT4084V Datasheet HTML 5Page - Dialog Semiconductor SLG7NT4084V Datasheet HTML 6Page - Dialog Semiconductor SLG7NT4084V Datasheet HTML 7Page - Dialog Semiconductor SLG7NT4084V Datasheet HTML 8Page - Dialog Semiconductor SLG7NT4084V Datasheet HTML 9Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LED CONTROL
SLG7NT4084
SLG7NT4084_DB_r101
SLG7NT4084_GP_r006
Page 8
Tape and Reel Specification
Package Type
# of
Pins
Nominal
Package
Size (mm)
Max Units
Reel &
Hub Size
(mm)
Trailer A
Leader B
Pocket (mm)
per reel
per box
Pockets
Length
(mm)
Pockets
Length
(mm)
Width
Pitch
TDFN 8L
2x2mm Green
8
2x2x0.75
3000
3000
178/60
100
400
100
400
8
4
Carrier Tape Drawing and Dimensions
Package
Type
Pocket
BTM
Length
(mm)
Pocket
BTM Width
(mm)
Pocket
Depth
(mm)
Index Hole
Pitch
(mm)
Pocket
Pitch
(mm)
Index Hole
Diameter
(mm)
Index Hole
to Tape
Edge
(mm)
Index Hole
to Pocket
Center
(mm)
Tape Width
(mm)
A0
B0
K0
P0
P1
D0
E
F
W
TDFN 8L
2x2mm
Green
2.3
2.3
1.05
4
4
1.55
1.75
3.5
8
Recommended Reflow Soldering Profile
Please see IPC/JEDEC J-STD-020: latest revision for reflow profile based on package volume of 3.00 mm
3 (nominal).
More information can be found at www.jedec.org.


Similar Part No. - SLG7NT4084V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG7NT4081 DIALOG-SLG7NT4081 Datasheet
252Kb / 9P
   PWROK GENERATOR AND STARTUP LATCHING CIRCUIT
SLG7NT4081V DIALOG-SLG7NT4081V Datasheet
252Kb / 9P
   PWROK GENERATOR AND STARTUP LATCHING CIRCUIT
SLG7NT4081VTR DIALOG-SLG7NT4081VTR Datasheet
252Kb / 9P
   PWROK GENERATOR AND STARTUP LATCHING CIRCUIT
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
SLG7NT4082V DIALOG-SLG7NT4082V Datasheet
372Kb / 9P
   LED DRIVER
More results

Similar Description - SLG7NT4084V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2983STRPBF IRF-IRS2983STRPBF Datasheet
502Kb / 17P
   LED FLYBACK CONTROL IC
IRS2980S IRF-IRS2980S Datasheet
339Kb / 18P
   LED DRIVER CONTROL IC
logo
American Electronic Com...
SDA3-40 AEC-SDA3-40 Datasheet
321Kb / 2P
   LED control input indicator
SDB1-80 AEC-SDB1-80 Datasheet
277Kb / 2P
   LED control input indicator
logo
Shenzhen Tianyuan Semic...
TP9920 TPOWER-TP9920 Datasheet
313Kb / 4P
   LED drive control IC
logo
International Rectifier
IRS29831PBF IRF-IRS29831PBF Datasheet
372Kb / 17P
   LED FLYBACK CONTROL IC
IRS2983SPBF IRF-IRS2983SPBF_15 Datasheet
504Kb / 17P
   LED FLYBACK CONTROL IC
logo
Shenzhen Titan Micro El...
TM1629A TITAN-TM1629A Datasheet
765Kb / 15P
   LED driver control circuit
logo
American Electronic Com...
SDA1-10 AEC-SDA1-10 Datasheet
250Kb / 2P
   LED control input indicator
SDA1-20 AEC-SDA1-20 Datasheet
278Kb / 2P
   LED control input indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com