Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1B240D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D1B240D
Description  DIP REED RELAY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D1B240D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D1B240D Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D1A0500
5
500
3.75
1.0
10
10
standard
D1A1200
12
1000
9.0
1.2
12
20
standard
1A
D1A2400
24
2150
18.00
2.4
11.1
28
standard
SPST-NO
D1A050D
5
500
3.75
1.0
10
10
withdiode
D1A120D
12
1000
9.0
1.2
12
20
withdiode
D1A240D
24
2150
18.00
2.4
11.1
28
withdiode
D1B0500
5
500
3.75
1.0
10
7
standard
D1B1200
12
1000
9.00
1.2
12
15
standard
1B
D1B2400
24
2150
18.00
2.4
11.1
28
standard
SPST-NC
D1B050D
5
500
3.75
1.0
10
7
withdiode
D1B120D
12
1000
9.00
1.2
12
15
withdiode
D1B240D
24
2150
18.00
2.4
11.1
28
withdiode
D2A0500
5
140
3.75
1.0
35.7
10
standard
D2A1200
12
500
9.00
1.2
24
20
standard
2A
D2A2400
24
2150
18.00
2.4
11.1
28
standard
DPST-NO
D2A050D
5
140
3.75
1.0
35.7
10
withdiode
D2A120D
12
500
9.00
1.2
24
20
withdiode
D2A240D
24
2150
18.00
2.4
11.1
28
withdiode
D1C0500
5
200
3.75
1.0
25
10
standard
D1C1200
12
500
9.00
1.2
24
20
standard
1C
D1C2400
24
2150
18.00
2.4
11.1
28
standard
SPDT-CO
D1C050D
5
200
3.75
1.0
25
10
withdiode
D1C120D
12
500
9.00
1.2
24
20
withdiode
D1C24OD
24
2150
18.00
2.4
11.1
28
withdiode
65 SHARK RIVER ROAD, NEPTUNE, NEW JERSEY 07753-7423
TOLL FREE 1 (888) 922-8330
Fax (732) 922-6363
n Features
• Molded epoxy body
• DIP type construction with the same terminal pitch as
ICs or TTLs simplifies PC board designing. In addition,
the high sensitivity allows direct driving by TTL, etc.
• Automatic insertion compatible
• Sealed construction permits automatic flow soldering
and cleaning
• Magnetic shield is available
D Series
DIP REED RELAY
n Coil Rating (20°C)
Nominal
Coil
Must
Must
Rated
Continous
Special
Part Number
Voltage
Resistance
Operate
Release Current
Voltage
Features
(VDC)
(W) ± 10%
(VDC)
(VDC)
(mA)
(Max)
Contact
Form
UL E155513
C-UL E155513


Similar Part No. - D1B240D

ManufacturerPart #DatasheetDescription
logo
Picker Components
D1B240D00 PICKER-D1B240D00 Datasheet
162Kb / 2P
   Dual Inline Pack Reed Relay
More results

Similar Description - D1B240D

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
DIP12-1A75-13L MEDER-DIP12-1A75-13L_09 Datasheet
103Kb / 2P
   DIP Reed Relay
DIP12-1C90-51QHR MEDER-DIP12-1C90-51QHR Datasheet
104Kb / 2P
   DIP Reed Relay
DIP05-1C90-51L MEDER-DIP05-1C90-51L Datasheet
116Kb / 2P
   DIP Reed Relay
DIP12-1C90-51F MEDER-DIP12-1C90-51F Datasheet
114Kb / 2P
   DIP Reed Relay
DIP05-1A72-10C MEDER-DIP05-1A72-10C Datasheet
174Kb / 2P
   DIP Reed Relay
DIP12-2A72-21F MEDER-DIP12-2A72-21F Datasheet
114Kb / 2P
   DIP Reed Relay
DIP05-1A72-11L MEDER-DIP05-1A72-11L Datasheet
103Kb / 2P
   DIP Reed Relay
DIP15-1B72-19D MEDER-DIP15-1B72-19D Datasheet
116Kb / 2P
   DIP Reed Relay
DIP05-2A72-21D MEDER-DIP05-2A72-21D Datasheet
117Kb / 2P
   DIP Reed Relay
DIP05-1A75-13L MEDER-DIP05-1A75-13L Datasheet
103Kb / 2P
   DIP Reed Relay
DIP05-1A72-13L MEDER-DIP05-1A72-13L Datasheet
112Kb / 2P
   DIP Reed Relay
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com