Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG7NT4081V Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # SLG7NT4081V
Description  PWROK GENERATOR AND STARTUP LATCHING CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG7NT4081V Datasheet(HTML) 3 Page - Dialog Semiconductor

  SLG7NT4081V Datasheet HTML 1Page - Dialog Semiconductor SLG7NT4081V Datasheet HTML 2Page - Dialog Semiconductor SLG7NT4081V Datasheet HTML 3Page - Dialog Semiconductor SLG7NT4081V Datasheet HTML 4Page - Dialog Semiconductor SLG7NT4081V Datasheet HTML 5Page - Dialog Semiconductor SLG7NT4081V Datasheet HTML 6Page - Dialog Semiconductor SLG7NT4081V Datasheet HTML 7Page - Dialog Semiconductor SLG7NT4081V Datasheet HTML 8Page - Dialog Semiconductor SLG7NT4081V Datasheet HTML 9Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PWROK GENERATOR AND STARTUP
LATCHING CIRCUIT
SLG7NT4081
SLG7NT4081_DS_r103
Page 3
Pin Configuration
Pin #
Pin Name
Type
Pin Description
1
VDD
PWR
Supply Voltage
2
BC_ACOK_DSW
Input
Digital Input
3
V3.3A_DSW_PWRGD
Input
Digital Input
4
VBAT_MON_DPWROK
Input
Digital Input
5
BC_ACOK
Output
Open Drain
6
PCH_DPWROK_R
Output
Push Pull
7
GND
GND
Ground
8
PS_ON_SW_N
Input
Digital Input
9
SMC_ONOFF_N
Output
Open Drain
10
STARTUP_LATCH_SET
Input
Digital Input
11
SMC_SHUTDOWN
Input
Digital Input
12
VR_ALW_ENABLE
Output
Push Pull
Exposed
Bottom Pad
Exposed Bottom Pad
GND
Ground
Ordering Information
Part Number
Package Type
SLG7NT4081V
V = TDFN-12
SLG7NT4081VTR
VTR = TDFN-12 - Tape and Reel (3k units)


Similar Part No. - SLG7NT4081V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
SLG7NT4082V DIALOG-SLG7NT4082V Datasheet
372Kb / 9P
   LED DRIVER
logo
Renesas Technology Corp
SLG7NT4082V RENESAS-SLG7NT4082V Datasheet
1Mb / 15P
   LED DRIVER
February 25, 2022
logo
Dialog Semiconductor
SLG7NT4082VTR DIALOG-SLG7NT4082VTR Datasheet
372Kb / 9P
   LED DRIVER
logo
Renesas Technology Corp
SLG7NT4082VTR RENESAS-SLG7NT4082VTR Datasheet
1Mb / 15P
   LED DRIVER
February 25, 2022
More results

Similar Description - SLG7NT4081V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG7NT4229 DIALOG-SLG7NT4229 Datasheet
500Kb / 9P
   PWROK GENERATOR AND STARTUP LATCHING CIRCUIT
logo
Sanken electric
SPF8201 SANKEN-SPF8201 Datasheet
657Kb / 19P
   Built-in startup circuit
logo
TE Connectivity Ltd
MDR TEC-MDR Datasheet
352Kb / 2P
   AC and DC coils, latching and non-latching
logo
Silicon Laboratories
SI500D SILABS-SI500D Datasheet
1Mb / 8P
   Highly reliable startup and operation
logo
ON Semiconductor
NCP12700 ONSEMI-NCP12700 Datasheet
168Kb / 20P
   Startup Regulator Circuit with 15 mA Capability
June, 2018 ??Rev. 0
logo
ELM Electronics
ELM413 ELM-ELM413 Datasheet
25Kb / 4P
   LED controller and a circuit startup timer in an 8 pin package
logo
Maxim Integrated Produc...
MAX5019 MAXIM-MAX5019 Datasheet
328Kb / 14P
   Current-Mode PWM Controllers with Integrated Startup Circuit
Rev 0; 7/01
logo
NXP Semiconductors
SAA7196 PHILIPS-SAA7196 Datasheet
302Kb / 76P
   Digital video decoder, Scaler and Clock generator circuit DESCPro
1996 Nov 04
logo
Delta Electronics, Inc.
DNL DELTA-DNL Datasheet
936Kb / 15P
   Pre-bias startup
IPM12S0A0R DELTA-IPM12S0A0R Datasheet
746Kb / 15P
   Monotonic startup into normal and pre-biased loads
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com