Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLG7NT614V Datasheet(PDF) 3 Page - Dialog Semiconductor

Part No. SLG7NT614V
Description  Ultra-small 22 4 A Load Switch with Reverse Current Blocking
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIALOG [Dialog Semiconductor]
Homepage  http://www.dialog-semiconductor.com/
Logo 

SLG7NT614V Datasheet(HTML) 3 Page - Dialog Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
000-007NT614-10
Page 3 of 10
SLG7NT614V
Absolute Maximum Ratings
Electrical Characteristics
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VDD
Power Supply
--
--
7
V
TS
Storage Temperature
-65
--
150
°C
ESDHBM
ESD Protection
Human Body Model
2000
--
--
V
WDIS
Package Power Dissipation
--
--
1
W
MOSFET IDSPK Peak Current from Drain to Source For no more than 1 ms with 1% duty cycle
--
--
6
A
Note: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
TA = -40 °C to 85 °C (unless otherwise stated)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VDD
Power Supply Voltage
-40 °C to 85 °C
2.5
--
5.5
V
IDD
Power Supply Current (PIN 1)
when OFF
--
--
1
μA
when ON, No load
--
70
100
μA
RDSON
Static Drain to Source
ON Resistance
TA 25°C @ 100 mA
--
22
28
m
Ω
TA 70°C @ 100 mA
--
25
30
m
Ω
TA 85°C @ 100 mA
--
27
31
m
Ω
IDS
Operating Current
VIN = 1.0 V to 5.5 V
--
--
4
A
VIN
Drain Voltage
1.0
--
VDD
V
TON_Delay
ON pin Delay Time
50% ON to Ramp Begin
0
300
500
μs
TTotal_ON
Total Turn On Time
50% ON to 90% VOUT
Configurable 1
ms
Example: CAP (PIN 7) = 4 nF, VDD
= VIN = 5 V, Source_Cap = 10 μF,
IDS = 100 mA
--
1.96
--
ms
TSLEWRATE Slew Rate
10% VOUT to 90% VOUT
Configurable 1
V/ms
Example: CAP (PIN 7) = 4 nF, VDD
= VIN = 5 V, Source_Cap = 10 μF,
IDS = 100 mA
--
3.0
--
V/ms
IREVERSE
Reverse Blocking Current
VOUT = 5.0, VIN = 0 V
--
1
--
μA
CAPSOURCE Source Cap
Source to GND
--
--
500
μF
ON_VIH
High Input Voltage on ON pin
0.85
--
VDD
V
ON_VIL
Low Input Voltage on ON pin
-0.3
0
0.3
V
ILIMIT
Active Current Limit
MOSFET will automatically limit cur-
rent when VOUT > 250 mV
--
6.0
--
A
Short Circuit Current Limit
MOSFET will automatically limit cur-
rent when VOUT < 250 mV
--
0.5
--
A
THERMON Thermal shutoff turn-on temperature
--
125
--
°C
THERMOFF Thermal shutoff turn-off temperature
--
100
--
°C
THERMTIME Thermal shutoff time
--
--
1
ms
TOFF_Delay
OFF Delay Time
50% ON to VOUT Fall,
VDD = VIN = 5 V
--
7.5
15
μs
Notes:
1. Refer to table for configuration details.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn