Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLG7NT614V Datasheet(PDF) 2 Page - Dialog Semiconductor

Part No. SLG7NT614V
Description  Ultra-small 22 4 A Load Switch with Reverse Current Blocking
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIALOG [Dialog Semiconductor]
Homepage  http://www.dialog-semiconductor.com/
Logo 

SLG7NT614V Datasheet(HTML) 2 Page - Dialog Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
000-007NT614-10
Page 2 of 10
SLG7NT614V
Pin Description
Ordering Information
Pin #
Pin Name
Type
Pin Description
1
VDD
PWR
VDD power for load switch control (2.5 V to 5.5 V)
2
ON
Input
Turns MOSFET ON (4 M
Ω pull down resistor)
CMOS input with VIL < 0.3 V, VIH > 0.85 V
3
VIN
MOSFET
Drain of Power MOSFET (fused with pin 4)
4
VIN
MOSFET
Drain of Power MOSFET (fused with pin 3)
5
VOUT
MOSFET
Source of Power MOSFET (fused with pin 6)
6
VOUT
MOSFET
Source of Power MOSFET (fused with pin 5)
7
CAP
Input
Capacitor for controlling power rail ramp rate
8
GND
GND
Ground
Part Number
Type
Production Flow
SLG7NT614V
FC-TDFN 8L
Industrial, -40
°C to 85 °C
SLG7NT614VTR
FC-TDFN 8L (Tape and Reel)
Industrial, -40
°C to 85 °C


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn