Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLG7NT614V Datasheet(PDF) 10 Page - Dialog Semiconductor

Part No. SLG7NT614V
Description  Ultra-small 22 4 A Load Switch with Reverse Current Blocking
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIALOG [Dialog Semiconductor]
Homepage  http://www.dialog-semiconductor.com/
Logo 

SLG7NT614V Datasheet(HTML) 10 Page - Dialog Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
000-007NT614-10
Page 10 of 10
SLG7NT614V
Tape and Reel Specifications
Carrier Tape Drawing and Dimensions
Recommended Reflow Soldering Profile
Please see IPC/JEDEC J-STD-020: latest revision for reflow profile based on package volume of 2.25 mm3 (nominal). More
information can be found at www.jedec.org.
Package
Type
# of
Pins
Nominal
Package Size
[mm]
Max Units
Reel &
Hub Size
[mm]
Leader (min)
Trailer (min)
Tape
Width
[mm]
Part
Pitch
[mm]
per Reel
per Box
Pockets
Length
[mm]
Pockets
Length
[mm]
TDFN 8L
FC Green
8
1.5 x 2.0 x 0.75
3000
3000
178 / 60
100
400
100
400
8
4
Package
Type
PocketBTM
Length
PocketBTM
Width
Pocket
Depth
Index Hole
Pitch
Pocket
Pitch
Index Hole
Diameter
Index Hole
to Tape
Edge
Index Hole
to Pocket
Center
Tape Width
A0
B0
K0
P0
P1
D0
E
F
W
TDFN 8L
FC Green
1.68
2.18
0.9
4
4
1.5
1.75
3.5
8
P1
E
P0
A0
D0
Y
Y
K0
Section Y-Y
CL
Refer to EIA-481 specification


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn