Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLG7NT614V Datasheet(PDF) 1 Page - Dialog Semiconductor

Part No. SLG7NT614V
Description  Ultra-small 22 4 A Load Switch with Reverse Current Blocking
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIALOG [Dialog Semiconductor]
Homepage  http://www.dialog-semiconductor.com/
Logo 

SLG7NT614V Datasheet(HTML) 1 Page - Dialog Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Silego Technology, Inc.
Rev 1.0
000-007NT614-10
Revised July 3, 2013
Ultra-small 22 m
Ω 4 A Load Switch
with Reverse Current Blocking
SLG7NT614V
Block Diagram
General Description
The SLG7NT614V is a 22 m
Ω 4 A single-channel load switch
that is able to switch 1 to 5 V power rails. The product is pack-
aged in an ultra-small 1.5 x 2.0 mm package.
Features
1.5 x 2.0 mm FC-TDFN 8L package (2 fused pins for drain
and 2 fused pins for source)
Logic level ON pin capable of supporting 0.85 V CMOS
Logic
User selectable ramp rate with external capacitor
22 m
Ω RDSONwhile supporting 4 A
Two Over Current Protection Modes
• Short Circuit Current Limit
• Active Current Limit
Over Temperature Protection
Pb-Free / Halogen-Free / RoHS compliant
Operating Temperature: -40
°C to 85°C
Operating Voltage: 2.5 V to 5.5 V
Pin Configuration
Applications
Notebook Power Rail Switching
Tablet Power Rail Switching
Smartphone Power Rail Switching
8-pin FC-TDFN
(Top View)
VDD
1
CAP
GND
VIN
ON
2
3
7
8
VIN
4
VOUT
VOUT
5
6
VIN
VOUT
Linear Ramp
Control
CMOS Input
ON
Charge
Pump
+2.5 to 5.5 V
CAP
Over Current and
Over Temperature
Protection
Reverse
Blocking
4 A @ 22 m
Ω


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn