Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLG7NT614V Datasheet(PDF) 9 Page - Dialog Semiconductor

Part No. SLG7NT614V
Description  Ultra-small 22 4 A Load Switch with Reverse Current Blocking
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIALOG [Dialog Semiconductor]
Homepage  http://www.dialog-semiconductor.com/
Logo 

SLG7NT614V Datasheet(HTML) 9 Page - Dialog Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
000-007NT614-10
Page 9 of 10
SLG7NT614V
Package Drawing and Dimensions
8 Lead TDFN Package 1.5 x 2.0 mm (Fused Lead)
JEDEC MO-252, Variation W2015D
Symbol
A
A1
A2
b
D
E
L
L1
L2
S
Symbol
Min
Nom.
Max
Unit: mm
Min
Nom.
Max
0.70
0.75
0.80
1.95
2.00
2.05
0.005
-
0.060
1.45
1.50
1.55
0.15
0.20
0.25
0.35
0.40
0.45
0.515
0.565
0.615
0.15
0.20
0.25
IndexArea(D/2xE/2)
L
L1
L2
E
A1
A2
0.135
0.185
0.235
e
0.50 BSC
S
0.37 REF


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn