Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLG7NT614V Datasheet(PDF) 6 Page - Dialog Semiconductor

Part No. SLG7NT614V
Description  Ultra-small 22 mΩ 4 A Load Switch with Reverse Current Blocking
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG7NT614V Datasheet(HTML) 6 Page - Dialog Semiconductor

Back Button SLG7NT614V Datasheet HTML 2Page - Dialog Semiconductor SLG7NT614V Datasheet HTML 3Page - Dialog Semiconductor SLG7NT614V Datasheet HTML 4Page - Dialog Semiconductor SLG7NT614V Datasheet HTML 5Page - Dialog Semiconductor SLG7NT614V Datasheet HTML 6Page - Dialog Semiconductor SLG7NT614V Datasheet HTML 7Page - Dialog Semiconductor SLG7NT614V Datasheet HTML 8Page - Dialog Semiconductor SLG7NT614V Datasheet HTML 9Page - Dialog Semiconductor SLG7NT614V Datasheet HTML 10Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
000-007NT614-10
Page 6 of 10
SLG7NT614V
TSLEW vs. CAP @ VDD = 3.3 V
TSLEW vs. CAP @ VDD = 5.0 V
SLG7NT614V TSLEW: VOUT (10%) - VOUT (90%)
VDD = 3.3 V, TA = 25 °C. CL = 10 μF, IDS = 100 mA
SLG7NT614V TSLEW: VOUT (10%) - VOUT (90%)
VDD = 5.0 V, TA = 25 °C. CL = 10 μF, IDS = 100 mA
5
6
7
8
9
10
11
12
13
14
15
VD = 1.50V
VD = 2.50V
VD = 3.30V
0
1
2
3
4
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
11000
12000
13000
14000
15000
16000
Cap (pf)
5
6
7
8
9
10
11
12
13
14
15
VD = 1.50V
VD = 2.50V
VD = 3.30V
VD = 5.00V
0
1
2
3
4
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
11000
12000
13000
14000
15000
16000
Cap (pf)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn