Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG7NT614V Datasheet(PDF) 5 Page - Dialog Semiconductor

Part # SLG7NT614V
Description  Ultra-small 22 m廓 4 A Load Switch with Reverse Current Blocking
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG7NT614V Datasheet(HTML) 5 Page - Dialog Semiconductor

  SLG7NT614V Datasheet HTML 1Page - Dialog Semiconductor SLG7NT614V Datasheet HTML 2Page - Dialog Semiconductor SLG7NT614V Datasheet HTML 3Page - Dialog Semiconductor SLG7NT614V Datasheet HTML 4Page - Dialog Semiconductor SLG7NT614V Datasheet HTML 5Page - Dialog Semiconductor SLG7NT614V Datasheet HTML 6Page - Dialog Semiconductor SLG7NT614V Datasheet HTML 7Page - Dialog Semiconductor SLG7NT614V Datasheet HTML 8Page - Dialog Semiconductor SLG7NT614V Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
000-007NT614-10
Page 5 of 10
SLG7NT614V
TTotal_ON vs. CAP @ VDD = 3.3 V
TTotal_ON vs. CAP @ VDD = 5.0 V
SLG7NT614V TTotal_ON: ON (50%) - VOUT (90%)
VDD = 3.3 V, TA = 25 °C. CL = 10 μF, IDS = 100 mA
SLG7NT614V TTotal_ON: ON (50%) - VOUT (90%)
VDD = 5.0 V, TA = 25 °C. CL = 10 μF, IDS = 100 mA
2
3
4
5
6
VD = 1.5V
VD = 2.5V
VD = 3.3V
0
1
0
2000
4000
6000
8000
10000
12000
14000
16000
Cap (pf)
2
3
4
5
6
VD = 1.50V
VD = 2.50V
VD = 3.30V
VD = 5.00V
0
1
0
2000
4000
6000
8000
10000
12000
14000
16000
Cap (pf)


Similar Part No. - SLG7NT614V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG7NT128V DIALOG-SLG7NT128V Datasheet
400Kb / 10P
   1 Hz Interrupt Generator
SLG7NT128VTR DIALOG-SLG7NT128VTR Datasheet
400Kb / 10P
   1 Hz Interrupt Generator
SLG7NT402V DIALOG-SLG7NT402V Datasheet
130Kb / 11P
   Ultra-small 7.8 m廓, 4 A Integrated Power Switch with Discharge
logo
Renesas Technology Corp
SLG7NT402V RENESAS-SLG7NT402V Datasheet
513Kb / 16P
   An Ultra-small 3 mm2, 8.5 mΩ, 4 A, Internally-protected Integrated Power Switch
5-Nov-2018
logo
Dialog Semiconductor
SLG7NT402VTR DIALOG-SLG7NT402VTR Datasheet
130Kb / 11P
   Ultra-small 7.8 m廓, 4 A Integrated Power Switch with Discharge
More results

Similar Description - SLG7NT614V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M611V DIALOG-SLG59M611V Datasheet
129Kb / 11P
   Ultra-small 22 m廓 4 A Load Switch with Reverse Current Blocking
SLG59M610V DIALOG-SLG59M610V Datasheet
130Kb / 11P
   Ultra-small 22 m廓 4 A Load Switch with Discharge and Reverse Current Blocking
SLG5NT1437V DIALOG-SLG5NT1437V Datasheet
147Kb / 10P
   Ultra-small 22 m廓 4 A Load Switch with Discharge and Reverse Current Blocking
logo
Renesas Technology Corp
SLG5NT1437V RENESAS-SLG5NT1437V Datasheet
296Kb / 11P
   Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking
February 7, 2022
SLG59M610V RENESAS-SLG59M610V Datasheet
301Kb / 12P
   Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking
February 14, 2022
logo
Dialog Semiconductor
SLG59M1563V DIALOG-SLG59M1563V Datasheet
94Kb / 9P
   Ultra-small 22.5 m 2.5 A Load Switch with Reverse Blocking
SLG59M1641V DIALOG-SLG59M1641V Datasheet
489Kb / 11P
   Ultra-small 2-Channel 45 m廓/2 A Power Switch with Reverse-Current Blocking
SLG59M1638V DIALOG-SLG59M1638V Datasheet
270Kb / 11P
   Ultra-small 2-Channel 45 m廓/2 A Power Switch with Reverse-Current Blocking
SLG59M1640V DIALOG-SLG59M1640V Datasheet
267Kb / 12P
   Ultra-small 2-Channel 45 m廓/2 A Power Switch with Reverse-Current Blocking
SLG5NT1586V DIALOG-SLG5NT1586V Datasheet
91Kb / 8P
   Ultra-small 22.5 m廓 2.5 A Integrated Power Switch with Reverse Blocking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com