Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG7NT402V Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # SLG7NT402V
Description  Ultra-small 7.8 m廓, 4 A Integrated Power Switch with Discharge
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG7NT402V Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button SLG7NT402V Datasheet HTML 3Page - Dialog Semiconductor SLG7NT402V Datasheet HTML 4Page - Dialog Semiconductor SLG7NT402V Datasheet HTML 5Page - Dialog Semiconductor SLG7NT402V Datasheet HTML 6Page - Dialog Semiconductor SLG7NT402V Datasheet HTML 7Page - Dialog Semiconductor SLG7NT402V Datasheet HTML 8Page - Dialog Semiconductor SLG7NT402V Datasheet HTML 9Page - Dialog Semiconductor SLG7NT402V Datasheet HTML 10Page - Dialog Semiconductor SLG7NT402V Datasheet HTML 11Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
000-007NT402-114
Page 11 of 11
SLG7NT402V
Revision History
Date
Version
Change
11/30/2015
1.14
Added MSL information
9/18/2015
1.13
Updated Package Marking Information
9/9/2015
1.12
Updated Abs Max Ratings with ESD for Machine Model
Updated Conditions in Electrical Characteristics Table


Similar Part No. - SLG7NT402V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG7NT402V RENESAS-SLG7NT402V Datasheet
513Kb / 16P
   An Ultra-small 3 mm2, 8.5 mΩ, 4 A, Internally-protected Integrated Power Switch
5-Nov-2018
SLG7NT402VTR RENESAS-SLG7NT402VTR Datasheet
513Kb / 16P
   An Ultra-small 3 mm2, 8.5 mΩ, 4 A, Internally-protected Integrated Power Switch
5-Nov-2018
More results

Similar Description - SLG7NT402V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1496V DIALOG-SLG59M1496V Datasheet
128Kb / 10P
   Ultra-small 7.8 m廓, 5.3 A Integrated Power Switch with Discharge
SLG59M307V DIALOG-SLG59M307V Datasheet
121Kb / 10P
   Ultra-small 7.8 m廓 4 A Load Switch with Discharge
SLG5NV1430V DIALOG-SLG5NV1430V Datasheet
117Kb / 10P
   Ultra-small 7.8 m廓 4 A Load Switch with Discharge
SLG59M301V DIALOG-SLG59M301V Datasheet
127Kb / 10P
   Ultra-small 7.8 m廓 4 A Load Switch with Discharge
SLG7NT408V DIALOG-SLG7NT408V Datasheet
120Kb / 11P
   Ultra-small 7.8 m廓, 4 A Integrated Power Switch
SLG59M1456V DIALOG-SLG59M1456V Datasheet
117Kb / 10P
   Ultra-small 7.8 m廓 5 A Load Switch with Discharge
SLG59M1457V DIALOG-SLG59M1457V Datasheet
131Kb / 11P
   Ultra-small 7.8 m廓 6 A Load Switch with Discharge
SLG5NT1487V DIALOG-SLG5NT1487V Datasheet
117Kb / 10P
   Ultra-small 7.8 m廓 5 A Load Switch with Discharge
SLG59M309V DIALOG-SLG59M309V Datasheet
146Kb / 10P
   Ultra-small 7.8 m廓 4 A Load Switch
SLG59M308V DIALOG-SLG59M308V Datasheet
135Kb / 11P
   Industrial Temperature Ultra-small 7.8 m廓 3 A Load Switch with Discharge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com