Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE251 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE251
Description  Silicon Complementary Transistors Darlington Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE251 Datasheet(HTML) 1 Page - NTE Electronics

  NTE251 Datasheet HTML 1Page - NTE Electronics NTE251 Datasheet HTML 2Page - NTE Electronics NTE251 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE251 (NPN) & NTE252 (PNP)
Silicon Complementary Transistors
Darlington Power Amplifier
Description:
The NTE251 (NPN) and NTE252 (PNP) are silicon complementary Darlington transistors in a TO3
type case designed for general–purpose amplifier and low–frequency switching applications.
Features:
D High DC Current Gain @ IC = 10A:
hFE = 2400 Typ (NTE251)
hFE = 4000 Typ (NTE252)
D Collector–Emitter Sustaining Voltage: VCEO(sus) = 100V Min
D Monolithic Construction with Built–In Base–Emitter Shunt Resistors
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Collector–Emitter Voltage, VCEO
100V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Base Voltage, VCB
100V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEB
5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Current, IC
Continuous
20A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak
40A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Base Current, IB
500mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Power Dissipation (TC = +25°C), PD
160W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 25
°C
0.915W/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
–65
° to +200°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +200°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
1.09
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - NTE251

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2510 NTE-NTE2510 Datasheet
22Kb / 2P
   Silicon NPNTransistor High Frequency Video Output
NTE2511 NTE-NTE2511 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Frequency Video Output for HDTV
NTE2512 NTE-NTE2512 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Frequency Video Output for HDTV
NTE2513 NTE-NTE2513 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2514 NTE-NTE2514 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
More results

Similar Description - NTE251

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE263 NTE-NTE263 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE253 NTE-NTE253 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE261 NTE-NTE261 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE243 NTE-NTE243 Datasheet
26Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE268 NTE-NTE268 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE245 NTE-NTE245 Datasheet
25Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE247 NTE-NTE247 Datasheet
26Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE249 NTE-NTE249 Datasheet
25Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE274 NTE-NTE274 Datasheet
25Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier, Switch
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com