Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URF1040D Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # URF1040D
Description  10.0 Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

URF1040D Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  URF1040D Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. URF1040D Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Fast switching for high efficiency
Low forward voltage drop
High current capability
Low reverse leakage current
High surge current capability
Application
Automotive Inverters and Solar Inverters
Car Audio Amplifiers and Sound Device Systems
Plating Power Supply,Motor Control,UPS and SMPS etc.
Mechanical Data
Case: Full Plastic Isolated Package ITO-220AB
Epoxy: UL 94V-0 rate flame retardant
Terminals: Solderable per MIL-STD-202 method 208
Polarity: As marked on diode body
Mounting position: Any
Weight: 2.0 gram approximately
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
URF1020C
URF1020A
URF1020D
URF1020S
UNIT
VRRM
200
400
600
V
VRMS
140
280
420
V
VDC
200
400
600
V
IF(AV)
A
IFSM
A
VF
0.98
1.3
1.7
V
IR
μA
μA
Trr
nS
CJ
pF
RθJC
°C/W
TJ,TSTG
°C
Note:(1)Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
Note:(2)Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
Note:(3)Thermal Resistance junction to case.
Typical Junction Capacitance (Note 2)
65
Typical Thermal Resistance (Note 3)
3.0
Operating Junction and Storage
Temperature Range
-55 to +150
Maximum Reverse Recovery Time (Note1)
35
PARAMETER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Current Tc=100°C
(Total Device 2x5.0A=10.0A)
10.0
Peak Forward Surge Current, 8.3ms single Half
sine-wave superimposed on rated load (JEDEC
method)
125
Maximum Instantaneous Forward Voltage
@5.0A
(Per Diode/Per Leg)
Maximum DC Reverse Current @TJ=25°C
At Rated DC Blocking Voltage @TJ=125°C
5.0
100
Positive
Negative
Common Cathode
Case
Case
Common Anode
Doubler
Case
Tandem Polarity
Case
Series
Tandem Polarity
Suffix "A"
Suffix "D"
Suffix "S"
Suffix "C"
URF1020A thru URF1060A
Pb Free Plating Product
URF1020A/URF1040A/URF1060A
Pb
10.0 Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Rev.08T
ITO-220AB(TO-220F-3L)
Unit:inch(mm)
.189(4.8)
.406(10.3)
.130(3.3)
.114(2.9)
.071(1.8)
.055(1.4)
.035(0.9)
.011(0.3)
(2.55)
(2.55)
.1
.1
.032(.8)
.134(3.4)
.165(4.2)
.381(9.7)
.114(2.9)
.098(2.5)
.055(1.4)
.039(1.0)
MAX
.118(3.0)
URF1040C
URF1040A
URF1040D
URF1040S
URF1060C
URF1060A
URF1060D
URF1060S


Similar Part No. - URF1040D

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
URF1040D THINKISEMI-URF1040D Datasheet
289Kb / 2P
   10.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
URF1040D THINKISEMI-URF1040D Datasheet
287Kb / 2P
   10.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
More results

Similar Description - URF1040D

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
R10U02RF THINKISEMI-R10U02RF Datasheet
279Kb / 2P
   10.0 Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
Rev.12T
10F20HF3S THINKISEMI-10F20HF3S_V01 Datasheet
268Kb / 2P
   10.0 Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
MUR1620FCTR THINKISEMI-MUR1620FCTR_V01 Datasheet
256Kb / 2P
   10.0 Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
Rev.07T
SDURF1020CTR THINKISEMI-SDURF1020CTR_V01 Datasheet
270Kb / 2P
   10.0 Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
MURF1020CA THINKISEMI-MURF1020CA Datasheet
279Kb / 2P
   10.0 Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
Rev.07T
MUR1020FCA THINKISEMI-MUR1020FCA_V01 Datasheet
281Kb / 2P
   10.0 Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
Rev.07T
MUR1020FCTR THINKISEMI-MUR1020FCTR Datasheet
246Kb / 2P
   10.0 Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
Rev.07T
MUR1020FCA THINKISEMI-MUR1020FCA Datasheet
758Kb / 2P
   10.0 Ampere Insulated Common Anode Ultra Fast Recovery Rectifiers
MUR1080FCA THINKISEMI-MUR1080FCA Datasheet
362Kb / 2P
   10.0 Ampere Insulated Common Anode Ultra Fast Recovery Rectifiers
MURF1080CTR THINKISEMI-MURF1080CTR Datasheet
362Kb / 2P
   10.0 Ampere Insulated Common Anode Ultra Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com