Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG5NT1547VTR Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # SLG5NT1547VTR
Description  Ultra-small 80 m廓, 1.0 A Integrated Power Switch with Discharge
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG5NT1547VTR Datasheet(HTML) 2 Page - Dialog Semiconductor

  SLG5NT1547VTR Datasheet HTML 1Page - Dialog Semiconductor SLG5NT1547VTR Datasheet HTML 2Page - Dialog Semiconductor SLG5NT1547VTR Datasheet HTML 3Page - Dialog Semiconductor SLG5NT1547VTR Datasheet HTML 4Page - Dialog Semiconductor SLG5NT1547VTR Datasheet HTML 5Page - Dialog Semiconductor SLG5NT1547VTR Datasheet HTML 6Page - Dialog Semiconductor SLG5NT1547VTR Datasheet HTML 7Page - Dialog Semiconductor SLG5NT1547VTR Datasheet HTML 8Page - Dialog Semiconductor SLG5NT1547VTR Datasheet HTML 9Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
000-005NT1547-101
Page 2 of 9
SLG5NT1547V
Pin Description
Ordering Information
Application Diagram
Adjustable Ramp Rate vs. ON Pin Current (5.5 V, 25 °C)
Adjustable Slew Rate (ON Pin 2)
SLG5NT1547V has a built in configurable slew control feature. The configurable slew control uses current detection method on
Pin 2. When ON voltage rise above ON_VIH_INI (1.2 V typical), the slew control circuit will measure the current flowing into Pin
2. Based on the current flowing into pin 2, different slew rates will be selected by the internal control circuit. See I_ON vs. Tslew
table on page 2. The slew rate is configurable by selecting a different R1 resistor value as shown on application diagram on page
2. Calculating the R1 value depends on both the desired slew rate, and the VOH level of the device driving the ON Pin 2.
ON_Current = (GPIO_VOH – ON_VREF (1.05 V typical)) / R1
Pin #
Pin Name
Type
Pin Description
1
ON
Input
Turns on MOSFET. Configurable slew rate control depending on input cur-
rent.
2
D
MOSFET
Drain of Power MOSFET
3
S
MOSFET
Source of Power MOSFET
4
GND
GND
Ground
Part Number
Type
Production Flow
SLG5NT1547V
STDFN 4L
Extended Commercial, -20
°C to 70 °C
SLG5NT1547VTR
STDFN 4L (Tape and Reel)
Extended Commercial, -20
°C to 70 °C
I_ON
TSLEW (typ)
20
μA0.56 V/ms
50
μA1.34 V/ms
100
μA2.53 V/ms
150
μA3.71 V/ms
200
μA4.68 V/ms
250
μA5.63 V/ms
3.3 V
Control
IC
D
S
GND
Current
Controls
Ramp Rate
ON
R1


Similar Part No. - SLG5NT1547VTR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG5NT1547VTR RENESAS-SLG5NT1547VTR Datasheet
380Kb / 10P
   Ultra-small 80 mW, 1.0 A Load Switch with Discharge
February 8, 2022
More results

Similar Description - SLG5NT1547VTR

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1495V DIALOG-SLG59M1495V Datasheet
208Kb / 9P
   Ultra-small 80 m廓, 1.0 A Integrated Power Switch with Discharge
SLG5NT1546V DIALOG-SLG5NT1546V Datasheet
165Kb / 9P
   Ultra-small Dual 80 m廓 1.0 A Integrated Power Switch with Discharge
SLG59M1512V DIALOG-SLG59M1512V Datasheet
164Kb / 10P
   Ultra-small Dual 80 m廓 1.0 A Integrated Power Switch with Discharge
SLG59M1557V DIALOG-SLG59M1557V Datasheet
210Kb / 10P
   Ultra-small 28.5 m廓, 1.0 A Integrated Power Switch with Discharge
SLG5NT1734V DIALOG-SLG5NT1734V Datasheet
560Kb / 17P
   Ultra-small 28.5 m廓, 1.0 A Integrated Power Switch with Discharge
SLG59M1466V DIALOG-SLG59M1466V Datasheet
170Kb / 8P
   Ultra-small 40 m廓, 1.0 A Integrated Power Switch with Discharge
SLG59M1446V DIALOG-SLG59M1446V Datasheet
164Kb / 9P
   Ultra-small Dual 40 m廓 1.0 A Integrated Power Switch with Discharge
SLG5NT1462V DIALOG-SLG5NT1462V Datasheet
155Kb / 9P
   Ultra-small Dual 40 m廓 1.0 A Integrated Power Switch with Discharge
SLG59M1558V DIALOG-SLG59M1558V Datasheet
209Kb / 10P
   Ultra-small 28.5 m廓, 1.0 A Integrated Power Switch
SLG5NT1594V DIALOG-SLG5NT1594V Datasheet
184Kb / 10P
   Ultra-small 28.5 m廓, 1.0 A Integrated Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com