Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY29773 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY29773
Description  2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29773 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY29773 Datasheet HTML 1Page - Cypress Semiconductor CY29773 Datasheet HTML 2Page - Cypress Semiconductor CY29773 Datasheet HTML 3Page - Cypress Semiconductor CY29773 Datasheet HTML 4Page - Cypress Semiconductor CY29773 Datasheet HTML 5Page - Cypress Semiconductor CY29773 Datasheet HTML 6Page - Cypress Semiconductor CY29773 Datasheet HTML 7Page - Cypress Semiconductor CY29773 Datasheet HTML 8Page - Cypress Semiconductor CY29773 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CY29773
Document #: 38-07573 Rev. **
Page 5 of 12
Absolute Maximum Conditions
Parameter
Description
Condition
Min.
Max.
Unit
VDD
DC Supply Voltage
–0.3
5.5
V
VDD
DC Operating Voltage
Functional
2.375
3.465
V
VIN
DC Input Voltage
Relative to VSS
–0.3
VDD + 0.3
V
VOUT
DC Output Voltage
Relative to VSS
–0.3
VDD + 0.3
V
VTT
Output termination Voltage
VDD ÷ 2V
LU
Latch-up Immunity
Functional
200
mA
RPS
Power Supply Ripple
Ripple Frequency < 100 kHz
150
mVp-p
TS
Temperature, Storage
Non-functional
–65
+150
°C
TA
Temperature, Operating Ambient
Functional
–40
+85
°C
TJ
Temperature, Junction
Functional
+150
°C
ØJC
Dissipation, Junction to Case
Functional
23
°C/W
ØJA
Dissipation, Junction to Ambient
Functional
55
°C/W
ESDH
ESD Protection (Human Body Model)
2000
V
FIT
Failure in Time
Manufacturing test
10
ppm
DC Electrical Specifications (VDD = 2.5V ±5%, TA = –40°C to +85°C)
Parameter
Description
Condition
Min.
Typ.
Max.
Unit
VIL
Input Voltage, Low
LVCMOS
0.7
V
VIH
Input Voltage, High
LVCMOS
1.7
VDD+0.3
V
VPP
Peak-Peak Input Voltage
LVPECL
250
1000
mV
VCMR
Common Mode Range[4]
LVPECL
1.0
VDD – 0.6
V
VOL
Output Voltage, Low[5]
IOL = 15 mA
0.6
V
VOH
Output Voltage, High[5]
IOH = –15 mA
1.8
V
IIL
Input Current, Low[5]
VIL = VSS
–100
µA
IIH
Input Current, High[6]
VIL = VDD
––
100
µA
IDDA
PLL Supply Current
AVDD only
5
10
mA
IDDQ
Quiescent Supply Current
All VDD pins except AVDD
8
mA
IDD
Dynamic Supply Current
Outputs loaded @ 100 MHz
135
mA
CIN
Input Pin Capacitance
4
pF
ZOUT
Output Impedance
14
18
22
DC Electrical Specifications (VDD = 3.3V ± 5%, TA = –40°C to +85°C)
Parameter
Description
Condition
Min.
Typ.
Max.
Unit
VIL
Input Voltage, Low
LVCMOS
0.8
V
VIH
Input Voltage, High
LVCMOS
2.0
VDD+0.3
V
VPP
Peak-Peak Input Voltage
LVPECL
250
1000
mV
VCMR
Common Mode Range[4]
LVPECL
1.0
VDD – 0.6
V
VOL
Output Voltage, Low[5]
IOL = 24 mA
0.55
V
IOL = 12 mA
0.30
VOH
Output Voltage, High[5]
IOH = –24 mA
2.4
V
IIL
Input Current, Low[6
VIL = VSS
–100
µA
Notes:
4.
VCMR (DC) is the crossing point of the differential input signal. Normal operation is obtained when the crossing point is within the VCMR range and the input
swing is within the VPP (DC) specification.
5.
Driving one 50
Ω parallel terminated transmission line to a termination voltage of V
TT. Alternatively, each output drives up to two 50 Ω series terminated
transmission lines.
6.
Inputs have pull-up or pull-down resistors that affect the input current.


Similar Part No. - CY29773

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29772 CYPRESS-CY29772 Datasheet
92Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
CY29772AI CYPRESS-CY29772AI Datasheet
92Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
CY29772AIT CYPRESS-CY29772AIT Datasheet
92Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
CY29774 CYPRESS-CY29774 Datasheet
81Kb / 9P
   2.5V or 3.3V, 125-MHz, 14 Output Zero Delay Buffer
CY29774AI CYPRESS-CY29774AI Datasheet
81Kb / 9P
   2.5V or 3.3V, 125-MHz, 14 Output Zero Delay Buffer
More results

Similar Description - CY29773

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5I9773 PULSECORE-PCS5I9773 Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9774 PULSECORE-PCS5I9774 Datasheet
479Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29772 CYPRESS-CY29772 Datasheet
92Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9774A ALSC-ASM5I9774A Datasheet
477Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com