Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1031-10JC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1031-10JC
Description  64K x 18 Synchronous Cache RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1031-10JC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1031-10JC Datasheet HTML 1Page - Cypress Semiconductor CY7C1031-10JC Datasheet HTML 2Page - Cypress Semiconductor CY7C1031-10JC Datasheet HTML 3Page - Cypress Semiconductor CY7C1031-10JC Datasheet HTML 4Page - Cypress Semiconductor CY7C1031-10JC Datasheet HTML 5Page - Cypress Semiconductor CY7C1031-10JC Datasheet HTML 6Page - Cypress Semiconductor CY7C1031-10JC Datasheet HTML 7Page - Cypress Semiconductor CY7C1031-10JC Datasheet HTML 8Page - Cypress Semiconductor CY7C1031-10JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CY7C1031
CY7C1032
Document #: 38-05278 Rev. *A
Page 5 of 13
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ...................................–65
°C to +150°C
Ambient Temperature with
Power Applied...............................................–55
°C to +125°C
Supply Voltage on VCC Relative to GND ............–0.5V to +7.0V
DC Voltage Applied to Outputs
in High-Z State[2]...............................................–0.5V to VCC + 0.5V
DC Input Voltage[2] ...........................................–0.5V to VCC + 0.5V
Current into Outputs (LOW)......................................... 20 mA
Static Discharge Voltage.......................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current.................................................... > 200 mA
Operating Range
Range
Ambient
Temperature[3]
VCC
VCCQ
Com’l
0
°C to +70°C
5V
± 5%
3.0V to VCC
Electrical Characteristics Over the Operating Range[4]
Parameter
Description
Test Conditions
7C1031-8
7C1032-8
7C1031-10
7C1032-10
7C1031-12
Unit
Min.
Max.
Min.
Max.
Min.
Max.
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA 2.4
VCCQ
2.4
VCCQ
2.4
VCCQ
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.2 VCC + 0.3V 2.2 VCC + 0.3V 2.2 VCC + 0.3V V
VIL
Input LOW Voltage[2]
–0.3
0.8
–0.3
0.8
–0.3
0.8
V
IX
Input Load Current
GND
≤ VI ≤ VCC
–1
1
–1
1
–1
1
µA
IOZ
Output Leakage Current
GND
≤ VI ≤ VCC, Output
Disabled
–5
5
–5
5
–5
5
µA
IOS
Output Short Circuit
Current[5]
VCC = Max., VOUT = GND
–300
–300
–300
mA
ICC
VCC Operating Supply
Current
VCC = Max.,
IOUT = 0 mA,
f = fMAX = 1/tCYC
Com’l
280
280
230
mA
ISB1
Automatic CE
Power-down
Current—TTL Inputs
Max. VCC, CS ≥
VIH, VIN ≥ VIH or
VIN ≤ VIL, f = fMAX
Com’l
80
80
60
mA
ISB2
Automatic CE
Power-down Current —
CMOS Inputs
Max. VCC, CS ≥
VCC – 0.3V, VIN
VCC–0.3VorVIN
0.3V, f = 0[6]
Com’l
30
30
30
mA
Capacitance[7]
Parameter
Description
Test Conditions
Max.
Unit
CIN: Addresses
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
Com’l
4.5
pF
CIN: Other Inputs
Com’l
5
pF
COUT
Output Capacitance
Com’l
8
pF
Notes:
2. Minimum voltage equals –2.0V for pulse durations of less than 20 ns.
3. TA is the case temperature.
4. See the last page for Group A subgroup testing information.
5. Not more than one output should be shorted at one time. Duration of the short circuit should not exceed 30 seconds.
6. Inputs are disabled, clock is allowed to run at speed.
7. Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CY7C1031-10JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1034DV33 CYPRESS-CY7C1034DV33 Datasheet
300Kb / 8P
   6-Mbit (256K X 24) Static RAM
CY7C1034DV33 CYPRESS-CY7C1034DV33 Datasheet
443Kb / 9P
   6-Mbit (256K X 24) Static RAM
CY7C1034DV33-10BGXI CYPRESS-CY7C1034DV33-10BGXI Datasheet
398Kb / 9P
   6-Mbit (256K X 24) Static RAM
CY7C1034DV33-8BGXC CYPRESS-CY7C1034DV33-8BGXC Datasheet
300Kb / 8P
   6-Mbit (256K X 24) Static RAM
CY7C1034DV33-8BGXC CYPRESS-CY7C1034DV33-8BGXC Datasheet
443Kb / 9P
   6-Mbit (256K X 24) Static RAM
More results

Similar Description - CY7C1031-10JC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
   64K x 18 Bit Synchronous Pipelined Cache Tag RAM
logo
Cypress Semiconductor
CY7C1329 CYPRESS-CY7C1329_04 Datasheet
352Kb / 15P
   64K x 32 Synchronous-Pipelined Cache RAM
CY7C1329 CYPRESS-CY7C1329 Datasheet
276Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Weida Semiconductor, In...
WCSS0232V1P WEIDA-WCSS0232V1P Datasheet
375Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C179 CYPRESS-CY7C179 Datasheet
1Mb / 12P
   32K x 18 Synchronous Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1325B CYPRESS-CY7C1325B Datasheet
339Kb / 17P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1F WEIDA-WCSS0418V1F Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Cypress Semiconductor
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
CY7C1325 CYPRESS-CY7C1325 Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com