Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG5NT1437V Datasheet(PDF) 9 Page - Dialog Semiconductor

Part # SLG5NT1437V
Description  Ultra-small 22 m廓 4 A Load Switch with Discharge and Reverse Current Blocking
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG5NT1437V Datasheet(HTML) 9 Page - Dialog Semiconductor

Back Button SLG5NT1437V Datasheet HTML 2Page - Dialog Semiconductor SLG5NT1437V Datasheet HTML 3Page - Dialog Semiconductor SLG5NT1437V Datasheet HTML 4Page - Dialog Semiconductor SLG5NT1437V Datasheet HTML 5Page - Dialog Semiconductor SLG5NT1437V Datasheet HTML 6Page - Dialog Semiconductor SLG5NT1437V Datasheet HTML 7Page - Dialog Semiconductor SLG5NT1437V Datasheet HTML 8Page - Dialog Semiconductor SLG5NT1437V Datasheet HTML 9Page - Dialog Semiconductor SLG5NT1437V Datasheet HTML 10Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
000-005NT1437-101
Page 9 of 10
SLG5NT1437V
Package Drawing and Dimensions
8 Lead TDFN Package 1.5 x 2.0 mm (Fused Lead)
JEDEC MO-252, Variation W2015D
Symbol
A
A1
A2
b
D
E
L
L1
L2
S
Symbol
Min
Nom.
Max
Unit: mm
Min
Nom.
Max
0.70
0.75
0.80
1.95
2.00
2.05
0.005
-
0.060
1.45
1.50
1.55
0.15
0.20
0.25
0.35
0.40
0.45
0.515
0.565
0.615
0.15
0.20
0.25
IndexArea(D/2xE/2)
L
L1
L2
E
A1
A2
0.135
0.185
0.235
e
0.50 BSC
S
0.37 REF


Similar Part No. - SLG5NT1437V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG5NT1437V RENESAS-SLG5NT1437V Datasheet
296Kb / 11P
   Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking
February 7, 2022
SLG5NT1437VTR RENESAS-SLG5NT1437VTR Datasheet
296Kb / 11P
   Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking
February 7, 2022
More results

Similar Description - SLG5NT1437V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M610V DIALOG-SLG59M610V Datasheet
130Kb / 11P
   Ultra-small 22 m廓 4 A Load Switch with Discharge and Reverse Current Blocking
SLG59M611V DIALOG-SLG59M611V Datasheet
129Kb / 11P
   Ultra-small 22 m廓 4 A Load Switch with Reverse Current Blocking
SLG7NT614V DIALOG-SLG7NT614V Datasheet
116Kb / 10P
   Ultra-small 22 m廓 4 A Load Switch with Reverse Current Blocking
logo
Renesas Technology Corp
SLG5NT1437V RENESAS-SLG5NT1437V Datasheet
296Kb / 11P
   Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking
February 7, 2022
SLG59M610V RENESAS-SLG59M610V Datasheet
301Kb / 12P
   Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking
February 14, 2022
logo
Dialog Semiconductor
SLG5NV1430V DIALOG-SLG5NV1430V Datasheet
117Kb / 10P
   Ultra-small 7.8 m廓 4 A Load Switch with Discharge
SLG59M301V DIALOG-SLG59M301V Datasheet
127Kb / 10P
   Ultra-small 7.8 m廓 4 A Load Switch with Discharge
SLG59M307V DIALOG-SLG59M307V Datasheet
121Kb / 10P
   Ultra-small 7.8 m廓 4 A Load Switch with Discharge
SLG59M1571V DIALOG-SLG59M1571V Datasheet
169Kb / 8P
   Ultra-small 14.6 m廓 1.0 A GreenFET 3 Power Switch with Discharge and Reverse Blocking
logo
Renesas Technology Corp
SLG59M1571V RENESAS-SLG59M1571V Datasheet
400Kb / 9P
   Ultra-small 14.6 mW 1.0 A GreenFET Load Switch with Discharge and Reverse Blocking
February 14, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com