Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG3SY3952V Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # SLG3SY3952V
Description  1:3 Clock Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG3SY3952V Datasheet(HTML) 3 Page - Dialog Semiconductor

  SLG3SY3952V Datasheet HTML 1Page - Dialog Semiconductor SLG3SY3952V Datasheet HTML 2Page - Dialog Semiconductor SLG3SY3952V Datasheet HTML 3Page - Dialog Semiconductor SLG3SY3952V Datasheet HTML 4Page - Dialog Semiconductor SLG3SY3952V Datasheet HTML 5Page - Dialog Semiconductor SLG3SY3952V Datasheet HTML 6Page - Dialog Semiconductor SLG3SY3952V Datasheet HTML 7Page - Dialog Semiconductor SLG3SY3952V Datasheet HTML 8Page - Dialog Semiconductor SLG3SY3952V Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
000-003SY3952-04
Page 3 of 10
SLG3SY3952
26 MHz Clock Output Characteristics (26M)
TA = 25 °C, VDD = 1.8 V (unless otherwise stated)
Symbol
Description
Conditions
Min
Typ
Max
Unit
FINI
Initial Frequency
5
--
50
MHz
DC
Duty Cycle
0.5 x VDD
45
50
55
%
VOH
Output Voltage HIGH
IOH = 1 mA
0.8 x
VDD
-- 2
--
V
VOL
Output Voltage LOW
IOL = -1 mA
--
-- 2
0.2 x
VDD
V
tPU
3,5
Power Up Delay (tPU,MHz)
See Note 3 & 5
--
3
5
μs
tOE
4,5
Output Enable Delay (tOE,MHz)
See Note 4 & 5
0
1.0
2.0
μs
tR
Rise Time
measured between
VOH,min and VOL,max
--
TBD
--
ns
tF
Fall Time
measured between
VOH,min and VOL,max
--
TBD
--
ns
CL
Output Load Capacitance
--
8
10
pF
Notes:
1. This parameter tracks Reference Crystal characteristics.
2. VOH = 1.0 x VDD (typ) and VOL = 0 V (typ) when driving a fully capacitive load, i.e. IOH = IOL = 0 mA.
3. This parameter is applicable when the device powers up into Active Mode (OE = VDD during power up) or transitions into Active Mode
immediately after power up. The delay time is referenced from the point where VDD ≥ VDD,min is met to the 26 MHz output being stable and
valid. If OE is left floating, tPU may be longer.
4. This parameter is applicable when the device enters Active Mode from Hibernate Mode during normal operation. The delay time is refer-
enced from the point where OE
≥ V
IH,min is met to the 26 MHz output being stable and valid.
5. Both tPU and tOE should be satisfied in order for the 26 MHz output to be stable and valid.


Similar Part No. - SLG3SY3952V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG3NB3331 DIALOG-SLG3NB3331 Datasheet
142Kb / 13P
   32.768 kHz and MHz GreenCLK
SLG3NB3331V DIALOG-SLG3NB3331V Datasheet
142Kb / 13P
   32.768 kHz and MHz GreenCLK
SLG3NB3331VTR DIALOG-SLG3NB3331VTR Datasheet
142Kb / 13P
   32.768 kHz and MHz GreenCLK
SLG3NT3342 DIALOG-SLG3NT3342 Datasheet
164Kb / 17P
   32.768 kHz and MHz GreenCLK
SLG3NT3342V DIALOG-SLG3NT3342V Datasheet
164Kb / 17P
   32.768 kHz and MHz GreenCLK
More results

Similar Description - SLG3SY3952V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCP1803 TI1-CDCP1803_13 Datasheet
932Kb / 25P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C490098 PERICOM-PI6C490098 Datasheet
989Kb / 5P
   1:3 CMOS Clock Buffer
logo
Texas Instruments
CDCP1803 TI-CDCP1803 Datasheet
308Kb / 19P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCP1803-EP TI1-CDCP1803-EP Datasheet
595Kb / 24P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
logo
Renesas Technology Corp
5V551 RENESAS-5V551 Datasheet
201Kb / 5P
   1:4 CLOCK BUFFER
Mar 2020
logo
Integrated Device Techn...
IDT5V551 IDT-IDT5V551 Datasheet
48Kb / 4P
   1:4 CLOCK BUFFER
logo
ON Semiconductor
NB3L03 ONSEMI-NB3L03 Datasheet
173Kb / 4P
   2.8 V, High Precision 1:3 Clock Fanout Buffer
February, 2014 ??Rev. 1
logo
Cypress Semiconductor
CY2CC910 CYPRESS-CY2CC910_05 Datasheet
217Kb / 9P
   1:10 Clock Fanout Buffer
logo
Pericom Semiconductor C...
PI6C180B PERICOM-PI6C180B Datasheet
573Kb / 7P
   Precision 1-18 Clock Buffer
PI6C185-02B PERICOM-PI6C185-02B Datasheet
285Kb / 6P
   Precision 1-7 Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com