Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1381C Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1381C
Description  18-Mb (512K x 36/1M x 18) Flow-Through SRAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1381C Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1381C Datasheet HTML 5Page - Cypress Semiconductor CY7C1381C Datasheet HTML 6Page - Cypress Semiconductor CY7C1381C Datasheet HTML 7Page - Cypress Semiconductor CY7C1381C Datasheet HTML 8Page - Cypress Semiconductor CY7C1381C Datasheet HTML 9Page - Cypress Semiconductor CY7C1381C Datasheet HTML 10Page - Cypress Semiconductor CY7C1381C Datasheet HTML 11Page - Cypress Semiconductor CY7C1381C Datasheet HTML 12Page - Cypress Semiconductor CY7C1381C Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
CY7C1381C
CY7C1383C
Document #: 38-05238 Rev. *B
Page 9 of 36
CY7C1383C:Pin Definitions
Name
TQFP
(3-Chip
Enable)
BGA
(1-Chip
Enable)
fBGA
(3-Chip
Enable)
I/O
Description
A0, A1 , A
37,36,32,33,34,
35,42,43,44,45,
46,47,48,49,50,
80,81,82,99,100
P4,N4,A2,B2,
C2,R2,T2,A3,
B3,C3,T3,A5,
B5,C5,T5,A6,
B6,C6,R6,T6
R6,P6,A2,
A10,A11,B2,
B10,N6,P3,P4,
P8,P9,P10,
P11,R3,R4,
R8,R9,R10,R11
Input-
Synchronous
Address Inputs used to select one of the
1M address locations. Sampled at the ris-
ing edge of the CLK if ADSP or ADSC is
active LOW, and CE1, CE2, and CE3[2] are
sampled active. A[1:0] feed the 2-bit counter.
BWA,BWB
93,94
L5,G3
B5,A4
Input-
Synchronous
Byte Write Select Inputs, active LOW.
Qualified with BWE to conduct byte writes
to the SRAM. Sampled on the rising edge of
CLK.
GW
88
H4
B7
Input-
Synchronous
Global Write Enable Input, active LOW.
When asserted LOW on the rising edge of
CLK, a global write is conducted (ALL bytes
are written, regardless of the values on
BW[A:B] and BWE).
BWE
87
M4
A7
Input-
Synchronous
Byte Write Enable Input, active LOW.
Sampled on the rising edge of CLK. This
signal must be asserted LOW to conduct a
byte write.
CLK
89
K4
B6
Input-
Clock
Clock Input. Used to capture all
synchronous inputs to the device. Also used
to increment the burst counter when ADV is
asserted LOW, during a burst operation.
CE1
98
E4
A3
Input-
Synchronous
Chip Enable 1 Input, active LOW.
Sampled on the rising edge of CLK. Used in
conjunction with CE2 and CE3[2] to
select/deselect the device. ADSP is ignored
if CE1 is HIGH.
CE2
97
-
B3
Input-
Synchronous
Chip Enable 2 Input, active HIGH.
Sampled on the rising edge of CLK. Used in
conjunction with CE1 and CE3[2] to
select/deselect the device.
CE3[2]
92
-
A6
Input-
Synchronous
Chip Enable 3 Input, active LOW.
Sampled on the rising edge of CLK. Used in
conjunction with CE1 and CE2 to
select/deselect the device.
OE
86
F4
B8
Input-
Asynchronous
Output Enable, asynchronous input,
active LOW. Controls the direction of the
I/O pins. When LOW, the I/O pins behave as
outputs. When deasserted HIGH, I/O pins
are tri-stated, and act as input data pins. OE
is masked during the first clock of a read
cycle when emerging from a deselected
state.
ADV
83
G4
A9
Input-
Synchronous
Advance Input signal, sampled on the
rising edge of CLK. When asserted, it
automatically increments the address in a
burst cycle.


Similar Part No. - CY7C1381C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381CV25-100AC CYPRESS-CY7C1381CV25-100AC Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381CV25-100AI CYPRESS-CY7C1381CV25-100AI Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381CV25-100BGC CYPRESS-CY7C1381CV25-100BGC Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381CV25-100BGI CYPRESS-CY7C1381CV25-100BGI Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
More results

Similar Description - CY7C1381C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D_07 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381DV25 CYPRESS-CY7C1381DV25 Datasheet
1Mb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
logo
AMIC Technology
A67L06181 AMICC-A67L06181 Datasheet
244Kb / 18P
   1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
A67P93361 AMICC-A67P93361 Datasheet
243Kb / 18P
   1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
A67L93361 AMICC-A67L93361 Datasheet
199Kb / 18P
   1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
A67L06181 AMICC-A67L06181_15 Datasheet
199Kb / 18P
   1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
logo
Cypress Semiconductor
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com