Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2677 Datasheet(PDF) 2 Page - Sony Corporation

Part # CXA2677
Description  Optical Pickup Chipset with CD/DVD Recording Photodetector IC (PDIC) Supports High-Speed Writing to both CD and DVD Media
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2677 Datasheet(HTML) 2 Page - Sony Corporation

  CXA2677 Datasheet HTML 1Page - Sony Corporation CXA2677 Datasheet HTML 2Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
11
Vout
Vcc
Vc
GND
Low
High
Photodiode
SW
Vin1
Vin2
IVout
VR2
VR1
2
8
1
7
4
5
3
6
×3
4.5
±0.1
Chip
Top view
Bottom view
Back side contact
(LGA)
Substrate
Transparent resin
(includes scattering materials)
0.8
1.6
Acceptance area
Unit: mm
φ0.7 mm
Photosensitive area position:
At the package center
7
8
Vc
IVout
Vin1
Vout
SW
Vin2
Vcc
GND
1
3
4
5
6
2
6
9
1
10
11
16
8
7
Vcc
Vc
GND
SW
RF+
Ao
Vc
Bo
Co
Do
RF–
WPP1
WPP2
3
×3
A
Ao
Vc
A'
4
Bo
×3
B
Vc
B'
14
Co
×3
C
Vc
C'
13
Do
×3
D
Vc
D'
15
Eo
×3.5
E
Vc
5
Fo
×3.5
F
Vc
12
Go
×3.5
G
Vc
2
Ho
×3.5
H
Vc
Ao
Bo
Co
Do
B'
Vc
Vcc
Vc
C'
A'
Vc
D'
0.8
4.5
±0.1
Colorless transparent resin
AB
D
G
HE
F
C
Top view
Bottom view
Chip
Back side contact
(LGA)
Substrate
Unit: mm
H
120
G
F
120
E
D
120
35
35
C
A
B
Unit:
µm
12
13
14
15
16
Go
Vc
Vcc
SW
WPP2
RF+
WPP1
Do
Co
Eo
RF–
GND
Ho
Ao
Bo
Fo
1
2
3
4
6
7
8
9
10
11
5
I Figure 1 CXA2676GA Block Diagram
I Figure 2 CXA2677GA Block Diagram
I Figure 3 CXA2676GA Pin
Configuration
I Figure 4 CXA2677GA Pin
Configuration
I Figure 5 CXA2676GA Acceptance Pattern Dimensions
I Figure 6 CXA2677GA Acceptance Pattern Dimensions
I Figure 7 CXA2676GA Package Dimensions
I Figure 8 CXA2677GA Package Dimensions


Similar Part No. - CXA2677

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXA2673EM ETC1-CXA2673EM Datasheet
64Kb / 2P
   Optical Pickup Chipset with Photodetector PDIC for Blue-Violet Laser Diodes
CXA2674EM ETC1-CXA2674EM Datasheet
64Kb / 2P
   Optical Pickup Chipset with Photodetector PDIC for Blue-Violet Laser Diodes
More results

Similar Description - CXA2677

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2702GA SONY-CXA2702GA Datasheet
50Kb / 2P
   Optical Pickup Chipset with Photodetector ICs Supports High-Speed Writing to CD and DVD
CXA2586M SONY-CXA2586M Datasheet
91Kb / 8P
   PDIC for CD-ROM/DVD-ROM
logo
NXP Semiconductors
SAA7818HL PHILIPS-SAA7818HL Datasheet
120Kb / 30P
   DVD and CD playback IC
Rev. 03-25 November 2004
logo
Samsung semiconductor
S5L1462B SAMSUNG-S5L1462B Datasheet
199Kb / 43P
   CD and DVD playback
logo
List of Unclassifed Man...
CXA2674EM ETC1-CXA2674EM Datasheet
64Kb / 2P
   Optical Pickup Chipset with Photodetector PDIC for Blue-Violet Laser Diodes
logo
ATMEL Corporation
AT78C1502 ATMEL-AT78C1502 Datasheet
76Kb / 9P
   DVD/CD Servo
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
logo
ATMEL Corporation
AT78C1503 ATMEL-AT78C1503 Datasheet
107Kb / 14P
   DVD/CD Read Channel
AT78C1501 ATMEL-AT78C1501 Datasheet
119Kb / 15P
   DVD / CD ATAPI CONTROLLER
ATR0874 ATMEL-ATR0874 Datasheet
137Kb / 7P
   10-channel High Speed Photo Detector IC for DVD/CD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com