Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBT673 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LBT673
Description  Optical Indicator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBT673 Datasheet(HTML) 1 Page - OSRAM GmbH

  LBT673_17 Datasheet HTML 1Page - OSRAM GmbH LBT673_17 Datasheet HTML 2Page - OSRAM GmbH LBT673_17 Datasheet HTML 3Page - OSRAM GmbH LBT673_17 Datasheet HTML 4Page - OSRAM GmbH LBT673_17 Datasheet HTML 5Page - OSRAM GmbH LBT673_17 Datasheet HTML 6Page - OSRAM GmbH LBT673_17 Datasheet HTML 7Page - OSRAM GmbH LBT673_17 Datasheet HTML 8Page - OSRAM GmbH LBT673_17 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2017-01-27
1
2017-01-27
TOPLED
Datasheet
Version 2.2 - OS-PCN-2016-012-A
LB T673
TOPLED, SMT LED with integrated reflector. With our
great experience in SMT LED we are able to offer a
high quality product for all kind of applications.
TOPLED, SMT-LED mit integriertem Reflektor. Mit
unserer großen Erfahrung in SMT LED sind wir in der
Lage, ein qualitativ hochwertiges Produkt für alle Arten
von Anwendungen anzubieten.
Features:
Besondere Merkmale:
Package: white PLCC-2 package, colorless clear
resin
Gehäusetyp: weisses PLCC-2 Gehäuse,
farbloser klarer Verguss
Technology: InGaN
Technologie: InGaN
Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
Color: blue (471 nm)
Farbe: blau (471 nm)
Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
Optical Indicator
Optischer Indikator
Backlighting
Hinterleuchtung
Automotive Interior Lighting
Automobilbeleuchtung innen
Signal and Symbol Luminary
Signal- und Symbolleuchten
Scanners
Scanner


Similar Part No. - LBT673_17

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBT673-M2N2-1 OSRAM-LBT673-M2N2-1 Datasheet
188Kb / 15P
   HYPER TOPLED, HYPER BRIGHT LED
LBT673-N2Q1-1 OSRAM-LBT673-N2Q1-1 Datasheet
188Kb / 15P
   HYPER TOPLED, HYPER BRIGHT LED
More results

Similar Description - LBT673_17

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAPL2214WA4 EVERLIGHT-EAPL2214WA4 Datasheet
356Kb / 12P
   Optical indicator
logo
OSRAM GmbH
LSR976-NR-1 OSRAM-LSR976-NR-1 Datasheet
404Kb / 20P
   Optical Indicator
LOT676 OSRAM-LOT676 Datasheet
477Kb / 19P
   Optical Indicator
LOT776 OSRAM-LOT776 Datasheet
435Kb / 19P
   Optical Indicator
LPM675 OSRAM-LPM675 Datasheet
501Kb / 20P
   Optical Indicator
LAM67B OSRAM-LAM67B_14 Datasheet
569Kb / 20P
   Optical Indicator
logo
Everlight Electronics C...
EAPL4508RGBA5 EVERLIGHT-EAPL4508RGBA5 Datasheet
473Kb / 13P
   Optical indicator.
EAPL2214GA2 EVERLIGHT-EAPL2214GA2 Datasheet
358Kb / 12P
   Optical indicator
logo
Suntan Capacitors
TSL-5050UB000MTH SUNTAN-TSL-5050UB000MTH Datasheet
340Kb / 3P
   Optical indicator
logo
OSRAM GmbH
LGT679 OSRAM-LGT679 Datasheet
440Kb / 19P
   Optical Indicator
LGT670 OSRAM-LGT670 Datasheet
442Kb / 19P
   Optical Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com