Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG3NT3342 Datasheet(PDF) 12 Page - Dialog Semiconductor

Part # SLG3NT3342
Description  32.768 kHz and MHz GreenCLK
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG3NT3342 Datasheet(HTML) 12 Page - Dialog Semiconductor

Back Button SLG3NT3342 Datasheet HTML 8Page - Dialog Semiconductor SLG3NT3342 Datasheet HTML 9Page - Dialog Semiconductor SLG3NT3342 Datasheet HTML 10Page - Dialog Semiconductor SLG3NT3342 Datasheet HTML 11Page - Dialog Semiconductor SLG3NT3342 Datasheet HTML 12Page - Dialog Semiconductor SLG3NT3342 Datasheet HTML 13Page - Dialog Semiconductor SLG3NT3342 Datasheet HTML 14Page - Dialog Semiconductor SLG3NT3342 Datasheet HTML 15Page - Dialog Semiconductor SLG3NT3342 Datasheet HTML 16Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
000-003NT3342-050
Page 12 of 17
SLG3NT3342
VRTC Battery Recommendations
Non-rechargeable Coin Cell Battery
Battery
Part Number
SLG3NT3342
32.768 kHz Lifetime1
[years]
Capacity2
[mAH]
Voltage Range2
[V]
Max Discharge Current2
[mA]
Dimensions2
[mm]
95%
50%
5%
Constant
Peak
Dia.
Height
CR20323
6.3 to 6.8
220 to 240
3
2.9
2.3
4 to 6
20
20.0
3.2
Notes:
1. Lifetime calculation assumes 4.0
μA (typ) current consumption for 32.768 kHz (RTC) operation, where 4.0 μA (typ) is the sum of 1.5 μA
(typ), consumed by the SLG3NT3342 to provide RTC clock, and 2.5
μA (typ), consumed by the RTC logic device (provided via VOUT pin).
2. Exact values depend on the battery manufacturer (Refer to the battery datasheet for details)
3. Lithium Manganese Dioxide non-rechargeable battery


Similar Part No. - SLG3NT3342

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG3NB3331 DIALOG-SLG3NB3331 Datasheet
142Kb / 13P
   32.768 kHz and MHz GreenCLK
SLG3NB3331V DIALOG-SLG3NB3331V Datasheet
142Kb / 13P
   32.768 kHz and MHz GreenCLK
SLG3NB3331VTR DIALOG-SLG3NB3331VTR Datasheet
142Kb / 13P
   32.768 kHz and MHz GreenCLK
More results

Similar Description - SLG3NT3342

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG3NB3331 DIALOG-SLG3NB3331 Datasheet
142Kb / 13P
   32.768 kHz and MHz GreenCLK
logo
Oscilent Corporation
224-000312-20 OSCILENT-224-000312-20 Datasheet
129Kb / 2P
   32.768 KHz Crystal
223-000312-20 OSCILENT-223-000312-20 Datasheet
132Kb / 2P
   32.768 KHz Crystal
logo
MICORO CRYSTAL SWITZERL...
MCSO1ELS MICROCRYSTAL-MCSO1ELS_17 Datasheet
413Kb / 2P
   low consumption 32.768 kHz
logo
ECS, Inc.
ECS-3X8X ECS-ECS-3X8X_14 Datasheet
167Kb / 2P
   32.768 KHz TUNING FORK
ECS-3X8X ECS-ECS-3X8X Datasheet
164Kb / 1P
   32.768 KHz TUNING FORK
logo
Epson ToYoCom
SG-3030LC EPSONTOYOCOM-SG-3030LC_10 Datasheet
215Kb / 1P
   CRYSTAL OSCILLATOR 32.768 kHz
logo
MICORO CRYSTAL SWITZERL...
DS-SERIES MICROCRYSTAL-DS-SERIES Datasheet
243Kb / 2P
   Watch Crystal 32.768 kHz
logo
Renesas Technology Corp
MK3200 RENESAS-MK3200 Datasheet
274Kb / 9P
   32.768 KHZ CLOCK OSCILLATOR
073012
logo
Integrated Circuit Syst...
MK3200 ICST-MK3200 Datasheet
36Kb / 4P
   32.768 kHz Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com