Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M54562P Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. M54562P
Description  8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M54562P Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Aug. 1999
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54562P/FP
8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
ABSOLUTE MAXIMUM RATINGS (Unless otherwise noted, Ta = –20 ~ +75
°C)
IS (leak) #
IS
VF
IR
#
5
0
2.4
0
VS
VIH
VIL
–0.5 ~ +50
50
–0.5 ~ +30
–500
–500
50
1.79(P)/1.10(FP)
–20 ~ +75
–55 ~ +125
V
V
V
50
30
0.2
Parameter
Limits
Symbol
Unit
IO
0
0
–350
–100
mA
VCE (sat)
II
100
2.4
2.0
0.75
4.7
15.0
–2.4
100
VS = 50V, VI = 0.2V
VS = 10V, VI = 2.4V, IO = –350mA
VS = 10V, VI = 2.4V, IO = –100mA
VI = 5V
VI = 25V
VS = 50V, VI = 5V (all input)
IF = –350mA
VR = 50V
Symbol
Unit
Parameter
Test conditions
Limits
1.75
1.50
0.48
2.8
5.6
–1.2
+ : The typical values are those measured under ambient temperature (Ta) of 25
°C. There is no guarantee that these values are obtained under any
conditions.
# : Unused I/O pins must be connected to GND.
µA
mA
V
µA
V
mA
Ratings
Unit
Symbol
Parameter
Conditions
Collector-emitter voltage
Supply voltage
Input voltage
Output current
Clamping diode forward current
Clamping diode reverse voltage
Power dissipation
Operating temperature
Storage temperature
VCEO #
VS
VI
IO
IF
VR
#
Pd
Topr
Tstg
Output, L
Current per circuit output, H
Ta = 25
°C, when mounted on board
V
V
V
mA
mA
V
W
°C
°C
# : Unused I/O pins must be connected to GND.
Supply voltage
RECOMMENDED OPERATING CONDITIONS (Unless otherwise noted, Ta = –20 ~ +75
°C)
Duty Cycle
P : no more than 8%
FP : no more than 5%
Duty Cycle
P : no more than 55%
FP : no more than 30%
Output current
(Current per 1 cir-
cuit when 8 circuits
are coming on si-
multaneously)
“H” input voltage
“L” input voltage
min
typ
max
min
typ+
max
Supply leak current
Supply current
Clamping diode forward voltage
Clamping diode reverse current
Collector-emitter saturation voltage
Input current
ns
ns
ton
toff
110
5200
Symbol
Unit
Parameter
Test conditions
Limits
min
typ
max
Turn-on time
Turn-off time
CL = 15pF (note 1)
SWITCHING CHARACTERISTICS (Unless otherwise noted, Ta = 25
°C)
ELECTRICAL CHARACTERISTICS (Unless otherwise noted, Ta = –20 ~ +75
°C)


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M54563P8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54581PS-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 Mitsubishi Electric Semiconductor
M63800FP7-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54585P8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54587P8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 5 Mitsubishi Electric Semiconductor
M54561P7-UNIT 300mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54526P7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54522P8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54524P7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 Mitsubishi Electric Semiconductor
M54525P7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn