Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HCT40103MT Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74HCT40103MT
Description  High-Speed CMOS Logic 8-Stage Synchronous Down Counters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT40103MT Datasheet(HTML) 1 Page - Texas Instruments

  CD74HCT40103MT Datasheet HTML 1Page - Texas Instruments CD74HCT40103MT Datasheet HTML 2Page - Texas Instruments CD74HCT40103MT Datasheet HTML 3Page - Texas Instruments CD74HCT40103MT Datasheet HTML 4Page - Texas Instruments CD74HCT40103MT Datasheet HTML 5Page - Texas Instruments CD74HCT40103MT Datasheet HTML 6Page - Texas Instruments CD74HCT40103MT Datasheet HTML 7Page - Texas Instruments CD74HCT40103MT Datasheet HTML 8Page - Texas Instruments CD74HCT40103MT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS221D
Features
• Synchronous or Asynchronous Preset
• Cascadable in Synchronous or Ripple Mode
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC40103 and CD74HCT40103 are manufactured with
high speed silicon gate technology and consist of an 8-stage
synchronous down counter with a single output which is
active when the internal count is zero. The 40103 contains a
single 8-bit binary counter. Each has control inputs for
enabling or disabling the clock, for clearing the counter to its
maximum count, and for presetting the counter either
synchronously or asynchronously. All control inputs and the
TC output are active-low logic.
In normal operation, the counter is decremented by one
count on each positive transition of the CLOCK (CP).
Counting is inhibited when the TE input is high. The TC
output goes low when the count reaches zero if the TE input
is low, and remains low for one full clock period.
When the PE input is low, data at the P0-P7 inputs are
clocked into the counter on the next positive clock transition
regardless of the state of the TE input. When the PL input is
low, data at the P0-P7 inputs are asynchronously forced into
the counter regardless of the state of the PE, TE, or CLOCK
inputs. Input P0-P7 represent a single 8-bit binary word for
the 40103. When the MR input is low, the counter is
asynchronously cleared to its maximum count of 25510,
regardless of the state of any other input. The precedence
relationship between control inputs is indicated in the truth
table.
If all control inputs except TE are high at the time of zero
count, the counters will jump to the maximum count, giving a
counting sequence of 10016 or 25610 clock pulses long.
The 40103 may be cascaded using the TE input and the TC
output, in either a synchronous or ripple mode. These
circuits possess the low power consumption usually
associated
with
CMOS
circuitry,
yet
have
speeds
comparable to low power Schottky TTL circuits and can drive
up to 10 LSTTL loads.
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC40103F3A
-55 to 125
16 Ld CERDIP
CD74HC40103E
-55 to 125
16 Ld PDIP
CD74HC40103M
-55 to 125
16 Ld SOIC
CD74HC40103MT
-55 to 125
16 Ld SOIC
CD74HC40103M96
-55 to 125
16 Ld SOIC
CD74HCT40103E
-55 to 125
16 Ld PDIP
CD74HCT40103M
-55 to 125
16 Ld SOIC
CD74HCT40103MT
-55 to 125
16 Ld SOIC
CD74HCT40103M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel
of 250.
November 1997 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC40103, CD74HC40103,
CD74HCT40103
High-Speed CMOS Logic
8-Stage Synchronous Down Counters
[ /Title
(CD74H
C40103,
CD74H
CT4010
3)
/Sub-
ject
(High
Speed
CMOS
Logic 8-


Similar Part No. - CD74HCT40103MT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT40103MT TI-CD74HCT40103MT Datasheet
424Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HCT40103MT TI-CD74HCT40103MT Datasheet
158Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HCT40103MT TI-CD74HCT40103MT Datasheet
454Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HCT40103MTE4 TI-CD74HCT40103MTE4 Datasheet
424Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HCT40103MTE4 TI-CD74HCT40103MTE4 Datasheet
454Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
More results

Similar Description - CD74HCT40103MT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC40103 TI-CD54HC40103_08 Datasheet
454Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103_03 Datasheet
158Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103_07 Datasheet
424Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC40103 TI-CD74HC40103 Datasheet
45Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC40103-EP TI1-CD74HC40103-EP Datasheet
395Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC 8-STAGE SYNCHRONOUS DOWN COUNTER
logo
Intersil Corporation
CD40102BMS INTERSIL-CD40102BMS Datasheet
166Kb / 13P
   CMOS 8-Stage Presettable Synchronous Down Counters
December 1992
logo
Texas Instruments
CD40102B TI-CD40102B Datasheet
572Kb / 14P
[Old version datasheet]   CMOS 8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
CD40102B TI1-CD40102B_15 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS 8-stage Presettable Synchronous Down Counters
logo
STMicroelectronics
HCC40102B STMICROELECTRONICS-HCC40102B Datasheet
270Kb / 13P
   8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
M54HC40102 STMICROELECTRONICS-M54HC40102 Datasheet
300Kb / 14P
   8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com