Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RCB0710682KZF Datasheet(PDF) 3 Page - Superworld Electronics

Part No. RCB0710682KZF
Description  RADIAL CHOKE COIL
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUPERWORLD [Superworld Electronics]
Homepage  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCB0710682KZF Datasheet(HTML) 3 Page - Superworld Electronics

  RCB0710682KZF Datasheet HTML 1Page - Superworld Electronics RCB0710682KZF Datasheet HTML 2Page - Superworld Electronics RCB0710682KZF Datasheet HTML 3Page - Superworld Electronics RCB0710682KZF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
RCB0710 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 3
15.09.2016
7. CHARACTERISTICS CURVES :
20
5
470K
5
FREQUENCY(MHZ)
10
5
3
10
3
1
-3
10
-2
10
3
10
5
3
5
-1
0
10
5
3
10
3
5
1
2
10
-1
DC CURRENT (A)
-3
10
3
10
1
3 5
10
3
5
-2
1
10
5
3
5
3
10
0
5
3
10
2
DC CURRENT (A)
3
L
(uH)
3
10
2
101K
470K
5
10
3
102K
10
4
5
103K
5
10
5
3
473K
@ INDUCTANCE VS. FREQUENCY RESPONSE CURVE
0
0
10
0.5
3
L
3
10
2
(uH)
5
10
3
101K
102K
10
5
4
5
10
5
3
103K
473K
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE
1.5
1
2
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE
102K
103K
473K
50
30
Δt
(°C)
40
60
70
80
90
470K
101K
RADIAL CHOKE COIL


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn