Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RCB0710682KZF Datasheet(PDF) 2 Page - Superworld Electronics

Part No. RCB0710682KZF
Description  RADIAL CHOKE COIL
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUPERWORLD [Superworld Electronics]
Homepage  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCB0710682KZF Datasheet(HTML) 2 Page - Superworld Electronics

  RCB0710682KZF Datasheet HTML 1Page - Superworld Electronics RCB0710682KZF Datasheet HTML 2Page - Superworld Electronics RCB0710682KZF Datasheet HTML 3Page - Superworld Electronics RCB0710682KZF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
RCB0710 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
15.09.2016
RADIAL CHOKE COIL
Part No.
RCB0710470KZF
RCB0710560KZF
RCB0710680KZF
RCB0710101KZF
RCB0710121KZF
RCB0710151KZF
RCB0710181KZF
RCB0710221KZF
RCB0710271KZF
RCB0710820KZF
RCB0710391KZF
RCB0710471KZF
RCB0710561KZF
RCB0710681KZF
RCB0710821KZF
RCB0710102KZF
RCB0710152KZF
RCB0710182KZF
RCB0710222KZF
RCB0710272KZF
RCB0710332KZF
RCB0710392KZF
RCB0710122KZF
RCB0710562KZF
RCB0710682KZF
RCB0710822KZF
RCB0710472KZF
RCB0710331KZF
1V/0.796M
45
200
1.60
2.50
330 ±10%
1V/0.252M
60
1800 ±10%
8200 ±10%
6800 ±10%
5600 ±10%
3900 ±10%
4700 ±10%
2200 ±10%
3300 ±10%
2700 ±10%
60
60
60
60
1V/0.252M
1V/0.252M
1V/0.252M
1V/0.252M
60
60
60
60
1V/0.252M
1V/0.252M
1V/0.252M
1V/0.252M
560 ±10%
680 ±10%
1000 ±10%
1500 ±10%
1200 ±10%
820 ±10%
470 ±10%
390 ±10%
60
60
45
45
1V/0.252M
1V/0.252M
1V/0.796M
1V/0.252M
45
45
45
45
1V/0.796M
1V/0.796M
1V/0.796M
1V/0.796M
90
7.00
0.80
0.44
0.40
0.48
0.50
24.00
30.00
16.00
18.00
0.70
0.55
0.60
0.75
9.00
12.00
14.00
8.00
40
36
50
45
70
60
55
80
180
160
140
130
120
100
110
150
1.10
0.90
1.40
1.50
4.40
6.00
3.10
3.90
2.20
1.70
2.00
2.30
2.00
2.90
2.50
1.80
1V/2.52M
30
56 ±10%
270 ±10%
220 ±10%
180 ±10%
150 ±10%
120 ±10%
100 ±10%
82 ±10%
68 ±10%
1V/0.796M
45
45
45
45
1V/0.796M
1V/0.796M
1V/0.796M
45
45
30
30
1V/0.796M
1V/0.796M
1V/2.52M
1V/2.52M
Inductance
47 ±10%
( μH )
Min.
30
Q
( Hz )
1V/2.52M
Test Frequency
400
0.45
5.50
360
340
320
280
260
240
220
300
0.90
3.40
3.00
2.80
3.20
1.20
1.40
1.00
3.60
4.20
4.50
5.00
0.60
0.70
0.50
0.50
Max.
( mA )
IDC
450
Min.
6.00
SRF
( MHz )
Max.
0.40
( Ω )
RDC
1V/0.0796M
1V/0.0796M
1V/0.0796M
1V/0.0796M
1V/0.0796M
1V/0.0796M
1V/0.0796M
1V/0.0796M
1V/0.0796M
60
12000 ±10%
RCB0710123KZF
15000 ±10%
18000 ±10%
22000 ±10%
33000 ±10%
39000 ±10%
47000 ±10%
27000 ±10%
RCB0710333KZF
RCB0710473KZF
RCB0710393KZF
RCB0710183KZF
RCB0710223KZF
RCB0710153KZF
RCB0710273KZF
60
60
60
60
60
60
60
10000 ±10%
RCB0710103KZF
60
46.00
32
0.32
54.00
92.00
76.00
150.00
162.00
140.00
102.00
0.16
0.10
0.13
0.24
0.20
0.30
0.28
20
16
18
22
25
30
27
39.00
0.36
34


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn