Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP20DC24S12W Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP20DC24S12W
Description  20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP20DC24S12W Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP20DC24S12W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP20DC24S12W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP20DC24S12W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TP20(30)DC series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 1 / 3
DESCRIPTION
The rated output power of TP20DC/TP30DC converters is 20W,30W,the outline dimensions is "50.8*25.4*11.2", 2:1 ,4:1
input voltage range,the voltage range is 9.5V-18V,18V-36V,36V-72V, 9V-36V
、18V-75V.The accuracy of the converter can
reach ±1%,it can be widely used in telecommunications,railway transportation, Auto industrial,instrument and etc.
20-30W 1.5
KVDC
KVDC
KVDC
KVDC isolated Wide Input Voltage DC/DC Converters
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
OUTPUT CHARACTERISTICS
parameter
conditions
Min
Typ
Max
Units
Output voltage accuracy
V01
±1
%
Output voltage accuracy
V02、V03
±3
%
Voltage regulation
V02、V03 Track V01
±10
(V01)
%
Line regulation
V01
±0.2
%
Line regulation
V02、V03
±1.5
%
Load regulation
V01
±0.5
%
Load regulation
V02、V03
±4.0
Dynamic Response
50~75%
Load
4%Vo Overshoot
%
Dynamic Response
50~25%
Load
400µS Recovery Time
%
Ripple and noise
V0≤5VDC
50
mvp-p
Ripple and noise
other
100
mvp-p
Ripple and noise
V0≥48VDC
200
mvp-p
Temperature drift coefficient
±0.02
%/
FEATURES
20-30W output power
Long-term short circuit protection, Automatic recovery
High power density, high conversion efficiency
Miniaturized package
With remote control and output adjustment function
RoHS compliant
MODEL SELECTION
Part Number
Input
Output
Efficiency(Typ)
%
Voltage
(VDC)
Voltage
(VDC)
Current
(A)
Rated
Range values
TP20DC12S03
12(2:1)
9.5-18
3.3
6
90
TP20DC12S05
12(2:1)
9.5-18
5.05
4
90
TP20DC24S03
24(2:1)
18-36
3.3
6
90
TP20DC24S05
24(2:1)
18-36
5.05
4
90
TP20DC24S12
24(2:1)
18-36
12
1.7
90
TP20DC24S15
24(2:1)
18-36
15
1.3
90
TP20DC48S03
48(2:1)
36-75
3.3
6
90
TP20DC48S05
48(2:1)
36-75
5.05
4
90
TP20DC48S12
48(2:1)
36-75
12
1.7
90
TP20DC48S24
48(2:1)
36-75
24
0.83
90
TP20DC48S15
48(2:1)
36-75
15
1.3
90
TP20DC24S12W
24(4:1)
9-36
12
1.7
90
TP20DC48S18W
48(4:1)
18-75
18
1.1
90
TP30DC24S05
24(2:1)
18-36
5.05
6
90
TP30DC24S12
24(2:1)
18-36
12
2.5
90
TP30DC48S03
48(2:1)
36-75
3.3
6
90
TP30DC48S05
48(2:1)
36-75
5.05
6
90
TP30DC48S12
48(2:1)
36-75
12
2.5
90
TP30DC24S12W
24(4:1)
9-36
12
2.5
90
The Part No. with suffix “B”,please refer to B Package MECHANICAL DIMENSIONS,For example
:TP20DC24S05B
INPUT CHARACTERISTICS
parameter
conditions
Min
Typ
Max
Units
Input voltage
9.5
12
18
VDC
Input voltage
18
24
36
VDC
Input voltage
36
48
75
VDC
Remote control
CNT pin is floating or connect to TTL high level
Opened
VDC
Remote control
CNTconnect to -Vin
Closed


Similar Part No. - TP20DC24S12W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP20DC24S12W TOPPOWER-TP20DC24S12W Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
More results

Similar Description - TP20DC24S12W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP20DC TOPPOWER-TP20DC_18 Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP06DA_19 TOPPOWER-TP06DA_19_05 Datasheet
263Kb / 4P
   6W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP50DG TOPPOWER-TP50DG Datasheet
388Kb / 2P
   50W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP20DD TOPPOWER-TP20DD_V01 Datasheet
811Kb / 4P
   20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP100DH TOPPOWER-TP100DH Datasheet
741Kb / 3P
   100W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP40DG TOPPOWER-TP40DG_19 Datasheet
741Kb / 4P
   40W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP15DC_19 TOPPOWER-TP15DC_19_04 Datasheet
262Kb / 4P
   15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP15DC TOPPOWER-TP15DC_19 Datasheet
768Kb / 4P
   15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP10DC TOPPOWER-TP10DC Datasheet
416Kb / 4P
   10W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP10DA TOPPOWER-TP10DA Datasheet
775Kb / 3P
   10W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com