Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP03AA220D05P12 Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TP03AA220D05P12
Description  3W 3KVAC Isolation Wide Input AC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP03AA220D05P12 Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TP03AA220D05P12 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP03AA220D05P12 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP03AA220D05P12 Datasheet HTML 3Page - Toppower Electronic Technology Limited TP03AA220D05P12 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TP03AA Series
www.gztoppower.con
TEL:020-82019000
Email:sales@gztoppower.com
page 3 of 4
MECHANICAL DIMENSIONS
PIN CONNECTIONS
DIP Package
Pin
Single output
Dual output
(Com)
Dual output
(NC)
1
Vo
Vo1
+Vo1
2
NC
NC
NC
3
GND
GND
-Vo1
4
P
P
P
5
NC
Vo2
+Vo2
6
GND
GND
-Vo2
7
N
N
N
8
L
L
L
MODEL SELECTION
* Pin not fitted on single output variants
Units:mm
Tolerance:±0.2mm
TP
03
A A
220 D
05
W
W:4:1 Wide voltage input range
Main (auxiliary) output voltage
S:single output, D:Dual output
Rated input voltage
Package type
AC-DC
Rated output power
Brand name
TP
03
A A
220 T 05
D 12 W
W:4:1 Wide voltage input range
Auxiliary Output Voltage
D: Auxiliary is dual output
Main Road output voltage
S:single output D:Dual output T:Triple
output
Rated input voltage
Package type
AC-DC
Rated output power
Brand name
W:4:1 Wide voltage input range
Auxiliary output voltage
P: Auxiliary is positive output voltage
Main Road output voltage
S:single output D:Dual output T:Triple
OutpuS:
Rated input voltage
Package type
AC-DC
Rated output power
Brand name
TP
03
A
A
220 T 05
P 12 W
16.50
37.00
8.00
0.50
15.80 18.50
19.00
6.35
5.08
2.54
3.18
1
2
3
4
5
6
7
8
bottom view
TOPPOWER


Similar Part No. - TP03AA220D05P12

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP03AA220D05P12 TOPPOWER-TP03AA220D05P12 Datasheet
705Kb / 4P
   3W 3KV Isolation Wide Input AC/DC Converters
TP03AA220D05P12W TOPPOWER-TP03AA220D05P12W Datasheet
241Kb / 4P
   3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AA220D05P12W TOPPOWER-TP03AA220D05P12W Datasheet
705Kb / 4P
   3W 3KV Isolation Wide Input AC/DC Converters
More results

Similar Description - TP03AA220D05P12

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP03AL220S03LSW TOPPOWER-TP03AL220S03LSW Datasheet
827Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_19 Datasheet
718Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V01 Datasheet
249Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL_19 Datasheet
808Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL_17 Datasheet
525Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V02 Datasheet
426Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_17 Datasheet
426Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL220S15LSW TOPPOWER-TP03AL220S15LSW Datasheet
828Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL Datasheet
238Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC_19 TOPPOWER-TP03AC_19_05 Datasheet
713Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com