Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP2L12D05S-1W Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP2L12D05S-1W
Description  1W 1.5KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP2L12D05S-1W Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP2L12D05S-1W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP2L12D05S-1W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP2L12D05S-1W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TP2L-1W Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 1 of 3
DESCRIPTION:
TP2L-1W series are a range of isolated 1 Watt converters in a SIP package, 2:1 wide input range and tightly
regulated output voltage qualifies these converters for many cost critical applications in industrial and consumer
electronics. Operating temperature ranges from -40 ºC to 85 ºC the Internal SMD construction makes it possible
to offer a product with high performance at low cost.
1W 1.5KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
FEATURES
RoHS compliant
2:1 wide range voltage input
Continuous short circuit protection
Operating temperature: -40ºC to 85ºC
Low regulation
1.5KVDC isolation
Efficiency up to 83%
Power density 0.91W/cm
3
Input voltage: 5V, 12V, 24V, 48V
Output voltage: 3.3V,5V, 9V, 12V, 15V,24V / ±5V, ±9V, ±12V, ±15V,±24V
Low ripple noise
External control
SELECTION GUIDE
Part Number
Input
Output
Efficiency
Voltage(VDC)
Voltage
(VDC)
Current(mA)
Nominal
Raneg
Max*
Max.
Min.
(%,Typ.)
TP2L05D05S-1W
5 (2:1)
4.5-9.0
11
±5
±100
±10
72
TP2L05D09S-1W
5 (2:1)
4.5-9.0
11
±9
±55
±5
72
TP2L05D12S-1W
5 (2:1)
4.5-9.0
11
±12
±42
±4
74
TP2L05D15S-1W
5 (2:1)
4.5-9.0
11
±15
±33
±3
73
TP2L05S05S-1W
5 (2:1)
4.5-9.0
11
5
200
20
70
TP2L05S09S-1W
5 (2:1)
4.5-9.0
11
9
111
11
71
TP2L05S12S-1W
5 (2:1)
4.5-9.0
11
12
83
8
76
TP2L05S15S-1W
5 (2:1)
4.5-9.0
11
15
67
7
75
TP2L05S24S-1W
5 (2:1)
4.5-9.0
11
24
42
4
72
TP2L12D05S-1W
12 (2:1)
9.0-18
22
±5
±100
±10
76
TP2L12D09S-1W
12 (2:1)
9.0-18
22
±9
±55
±5
76
TP2L12D12S-1W
12 (2:1)
9.0-18
22
±12
±42
±4
74
TP2L12D15S-1W
12 (2:1)
9.0-18
22
±15
±33
±3
75
TP2L12D24S-1W
12 (2:1)
9.0-18
22
±24
±21
±2
73
TP2L12S03S-1W
12 (2:1)
9.0-18
22
3.3
303
30
74
TP2L12S05S-1W
12 (2:1)
9.0-18
22
5
200
20
76
TP2L12S09S-1W
12 (2:1)
9.0-18
22
9
111
11
78
TP2L12S12S-1W
12 (2:1)
9.0-18
22
12
83
8
79
TP2L12S15S-1W
12 (2:1)
9.0-18
22
15
67
7
80
TP2L12S24S-1W
12 (2:1)
9.0-18
22
24
42
4
72
TP2L24D05S-1W
24 (2:1)
18-36
40
±5
±100
±10
78
TP2L24D09S-1W
24 (2:1)
18-36
40
±9
±55
±5
76
TP2L24D12S-1W
24 (2:1)
18-36
40
±12
±42
±4
78
TP2L24D15S-1W
24 (2:1)
18-36
40
±15
±33
±3
76
TP2L24S03S-1W
24 (2:1)
18-36
40
3.3
303
30
72
TP2L24S05S-1W
24 (2:1)
18-36
40
5
200
20
76
TP2L24S09S-1W
24 (2:1)
18-36
40
9
111
11
78
TP2L24S12S-1W
24 (2:1)
18-36
40
12
83
8
80
TP2L24S15S-1W
24 (2:1)
18-36
40
15
67
7
80
TP2L24S24S-1W
24 (2:1)
18-36
40
24
42
4
77
TP2L48D05S-1W
48 (2:1)
36-72
80
±5
±100
±10
76
TP2L48D12S-1W
48 (2:1)
36-72
80
±12
±42
±4
77
TP2L48D15S-1W
48 (2:1)
36-72
80
±15
±33
±3
75
TP2L48S05S-1W
48 (2:1)
36-72
80
5
200
20
76
TP2L48S09S-1W
48 (2:1)
36-72
80
9
111
11
78
TP2L48S12S-1W
48 (2:1)
36-72
80
12
83
8
80
TP2L48S15S-1W
48 (2:1)
36-72
80
15
67
7
80
3KVDC isolation with /3H at the end of the part number. for exampleTP2L24S05S-1W/3H.
TOPPOWER


Similar Part No. - TP2L12D05S-1W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP2L12D05S-1W TOPPOWER-TP2L12D05S-1W Datasheet
204Kb / 3P
   1W Isolated Wide Input Single And Dual Output DC/DC Converters
More results

Similar Description - TP2L12D05S-1W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP2L-1W TOPPOWER-TP2L-1W Datasheet
204Kb / 3P
   1W Isolated Wide Input Single And Dual Output DC/DC Converters
TPE3.3V TOPPOWER-TPE3.3V_19 Datasheet
716Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE TOPPOWER-TPE_19 Datasheet
709Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE24V TOPPOWER-TPE24V Datasheet
634Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TP2L-3W TOPPOWER-TP2L-3W_V01 Datasheet
731Kb / 3P
   3W 1.5KVDC??KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
TPE12V TOPPOWER-TPE12V Datasheet
674Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPTA TOPPOWER-TPTA Datasheet
661Kb / 4P
   1W 1.5KVDC Isolated Dual Output SMD DC/DC Converters
TPE3.3V TOPPOWER-TPE3.3V Datasheet
712Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE-E TOPPOWER-TPE-E Datasheet
257Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TP2L24S03S-2WLI TOPPOWER-TP2L24S03S-2WLI Datasheet
216Kb / 3P
   2W 1.5KVDC Isolated Wide Input Single Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com