Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP03AB220S12W Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TP03AB220S12W
Description  3W,4W 3KVAC Isolation Wide Input AC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP03AB220S12W Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TP03AB220S12W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP03AB220S12W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP03AB220S12W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TP03(04)AB Series
www.gztoppower.con
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 3 /3
RATING GR
Notes:
1. Fuse:1A/250V
2. Ripple and noise are measured in the case of a bandwidth of 20MHz,Use a 300mm twisted pair,While the terminals are connected in parallel with
a 0.47uF high frequency ceramic capacitor and a 47uF electrolytic capacitor.
MECHANICAL DIMENSIONS
PIN CONNECTION
DIP Package
PIN
Single output
1
NC
2
+Vo
3
-Vo
4
NC
5
L
6
N
7
NC
SELECTION GUIDE
Units: mm
Tolerance:±0.2mm
TP
03
A
B 220 S
05
W
W:4:1 Wide voltage input range
Main (auxiliary) output voltage
S:single output
Rated input voltage
Package type
AC-DC
Rated output power
Brand name
TOPPOWER


Similar Part No. - TP03AB220S12W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP03AB220S12W TOPPOWER-TP03AB220S12W Datasheet
232Kb / 3P
   3W,4W 3KVAC Isolation Wide Input AC/DC Converters
More results

Similar Description - TP03AB220S12W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP03-04-AB TOPPOWER-TP03-04-AB Datasheet
232Kb / 3P
   3W,4W 3KVAC Isolation Wide Input AC/DC Converters
TP04AC TOPPOWER-TP04AC Datasheet
712Kb / 3P
   4W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL220S03LSW TOPPOWER-TP03AL220S03LSW Datasheet
827Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_19 Datasheet
718Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V01 Datasheet
249Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL_19 Datasheet
808Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AA TOPPOWER-TP03AA_17 Datasheet
470Kb / 4P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL_17 Datasheet
525Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V02 Datasheet
426Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_17 Datasheet
426Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com