Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA16831-4 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TDA16831-4
Description  Off-line SMPS Controller with 600 V Sense CoolMOS on Board
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA16831-4 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TDA16831-4 Datasheet HTML 6Page - Infineon Technologies AG TDA16831-4 Datasheet HTML 7Page - Infineon Technologies AG TDA16831-4 Datasheet HTML 8Page - Infineon Technologies AG TDA16831-4 Datasheet HTML 9Page - Infineon Technologies AG TDA16831-4 Datasheet HTML 10Page - Infineon Technologies AG TDA16831-4 Datasheet HTML 11Page - Infineon Technologies AG TDA16831-4 Datasheet HTML 12Page - Infineon Technologies AG TDA16831-4 Datasheet HTML 13Page - Infineon Technologies AG TDA16831-4 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TDA16831-4
Data Sheet
10
1999-12-10
Electrical Characteristics
1) Be aware that V
CC capacitor is discharged before IC is plugged into the application board.
2) Power dissipation should be observed.
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit Remarks
min.
max.
Supply Voltage
Supply + Zener Current
V
CC
I
CCZ
–0.3
0
V
Z
20
V
mA
Zener Voltage
1)
page 11
Beware of
P
max
2)
Drain Source Voltage
Avalanche Current
V
DS
I
AC
600
I
csthmax
V
t = 100 ns
Voltage at FB
V
FB
–0.3
5.5
V
Junction Temperature
T
j
–40
150
°C
Storage Temperature
T
stg
–50
150
°C
Thermal Resistance System-Air
R
thSA
R
thSA
90
125
K/W
K/W
P-DIP-8-6
P-DSO-14-11
Operating Range
Parameter
Symbol
Limit Values
Unit Remarks
min.
max.
Supply Voltage
V
CC
V
CCH
V
Z
V
Junction Temperature
T
j
–25
120
°C


Similar Part No. - TDA16831-4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA16822 INFINEON-TDA16822 Datasheet
240Kb / 14P
   Off-Line SMPS Current Mode Controller
V2.0, 11 April 2000
TDA16846 INFINEON-TDA16846 Datasheet
351Kb / 28P
   ICs for Consumer Electronics
2000-01-14
TDA16846 INFINEON-TDA16846 Datasheet
909Kb / 29P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
V2.0, 31 July 2003
TDA16846-2 INFINEON-TDA16846-2 Datasheet
909Kb / 29P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
V2.0, 31 July 2003
TDA16846G INFINEON-TDA16846G Datasheet
351Kb / 28P
   ICs for Consumer Electronics
2000-01-14
More results

Similar Description - TDA16831-4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3A1065ELJ INFINEON-ICE3A1065ELJ Datasheet
537Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE2A380P2 INFINEON-ICE2A380P2 Datasheet
451Kb / 20P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS?
2004-09-23 Version 0.0
ICE3A2065ELJ INFINEON-ICE3A2065ELJ Datasheet
538Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE2A280ZHKLA1 INFINEON-ICE2A280ZHKLA1 Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.6, 25 Dec 2006
ICE2A0565 INFINEON-ICE2A0565 Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS
V2.6, 25 Dec 2006
ICE2A165 INFINEON-ICE2A165 Datasheet
1Mb / 23P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V3.0, September 2001
ICE2A0565 INFINEON-ICE2A0565 Datasheet
1Mb / 35P
   Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS
V2.6, 25 Dec 2006
ICE2A0565 INFINEON-ICE2A0565_11 Datasheet
3Mb / 37P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.8, 30 Aug 2011
ICE3A0365 INFINEON-ICE3A0365 Datasheet
1Mb / 30P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
ICE3B0365J INFINEON-ICE3B0365J Datasheet
487Kb / 26P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS?
Version 2.3, 8 May 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com