Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM401G-9999999919191909 Datasheet(PDF) 2 Page - All Sensors Corporation

Part # SPM401G-9999999919191909
Description  Piezoresistive Silicon Pressure Sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

SPM401G-9999999919191909 Datasheet(HTML) 2 Page - All Sensors Corporation

  SPM401G-9999999919191909 Datasheet HTML 1Page - All Sensors Corporation SPM401G-9999999919191909 Datasheet HTML 2Page - All Sensors Corporation SPM401G-9999999919191909 Datasheet HTML 3Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPM-401
Piezoresistive silicon pressure sensor
Specifications
DS-0343 Rev A
Tel:
408.225.4314
www.allsensors.com
Fax: 408.225.2079
info@allsensors.com
Thermal errors
pn ≤ 5 psi
pn > 5psi
Thermal error offset 2)
[% FSO]
1.0
0.75
Thermal error span 2)
[% FSO]
1.0
0.75
0 to 70 °C (32 to 158 °F)
0 to 85 °C (32 to 185 °F)
Operating temperature ranges
Medium
-40 to 125 °C
(-40 to 257 °F)
Storage
-40 to 125 °C
(-40 to 257 °F)
Mechanical stability
Vibration
10 g RMS (20 to 2000 Hz)
Schock
100 g / 11 ms
Electrical connections
Standard
4 Solder pads pitch 2.54
Materials / Filling fluids
Housing
Stainless steel 316L (1.4404)
Diaphragm
Stainless steel 316L (1.4435)
Media wetted parts
Housing, diaphragm
Filling liquid
Silicone oil
Miscellaneous
Installation position
any 3)
Protection class
IP 00
Weight
Standard: approx. . 10 g
Sealing
O-Ring 15,5 x 1,5 (material: FKM)
Wiring diagram
Dimensions (in mm)
Standard
2)
error band within the compensated temperature range
3) The sensors are calibrated with the face down diaphragm. By changing the mounting position the offset can shift a little for pressure ranges pn≤15 psi.
Signal 
Supply -
Supply +
Signal +
V
Page 2 of 3


Similar Part No. - SPM401G-9999999919191909

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM4012 TDK-SPM4012 Datasheet
3Mb / 25P
   Inductors for Power Circuits Wound Metallic Magnetic Material SPM series
SPM4012-LR TDK-SPM4012-LR Datasheet
116Kb / 9P
   Inductors for Power Circuits
logo
Sensitron
SPM4012006 SENSITRON-SPM4012006 Datasheet
63Kb / 5P
   Dual MOSFET BRIDGE, With Gate Driver
logo
TDK Electronics
SPM4012T-1R0M-LR TDK-SPM4012T-1R0M-LR Datasheet
116Kb / 9P
   Inductors for Power Circuits Wound Metal
SPM4012T-1R0M-LR TDK-SPM4012T-1R0M-LR Datasheet
116Kb / 9P
   Inductors for Power Circuits
More results

Similar Description - SPM401G-9999999919191909

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0343 ASC-DS-0343 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Siemens Semiconductor G...
KPY62-RK SIEMENS-KPY62-RK Datasheet
62Kb / 3P
   Silicon Piezoresistive Pressure Sensor
KPY66-A SIEMENS-KPY66-A Datasheet
128Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY32-RK SIEMENS-KPY32-RK Datasheet
151Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY52-A SIEMENS-KPY52-A Datasheet
117Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY52-AK SIEMENS-KPY52-AK Datasheet
144Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY51-RK SIEMENS-KPY51-RK Datasheet
144Kb / 4P
   Silicon Piezoresistive Relative Pressure Sensor
KPY33-RK SIEMENS-KPY33-RK Datasheet
149Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY32-R SIEMENS-KPY32-R Datasheet
92Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY33-R SIEMENS-KPY33-R Datasheet
94Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com