Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM402A-P005999819191905 Datasheet(PDF) 1 Page - All Sensors Corporation

Part # SPM402A-P005999819191905
Description  Piezoresistive Silicon Pressure Sensor for medium pressure ranges
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

SPM402A-P005999819191905 Datasheet(HTML) 1 Page - All Sensors Corporation

  SPM402A-P005999819191905 Datasheet HTML 1Page - All Sensors Corporation SPM402A-P005999819191905 Datasheet HTML 2Page - All Sensors Corporation SPM402A-P005999819191905 Datasheet HTML 3Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS-0344 Rev A
Tel:
408.225.4314
www.allsensors.com
Fax:
408.225.2079
info@allsensors.com
Applications
- Industrial
- Pneumatic and hydraulic components (e.g. valves, pumps)
- Level measuring (e.g. environmental technology)
- Process industry
Specifications
All parameters are measured at supply current 1 mA at reference conditions unless otherwise specified.
Standard Pressure Ranges
PSI
1)
bar
Output signal (Offset)
[mV]
Output signal (Span) [mV]
Proof pressure
[PSI
1)/bar]
Negative
pressure
[PSI
1)/bar]
Burst pressure
[PSI
1)/bar]
min.
typ.
max.
min.
typ.
max.
5
0.35
2)
-2
0
2
50
75
100
30
2
--
--
45
≥ 3
15
1
100
145
210
75
5
--
--
112
≥ 7.5
30
2
95
150
200
150
10
--
--
225
≥ 15
50
3.5
80
125
180
250
17.5
--
--
375
≥ 25
100
7
100
150
210
500
35
-15
-1
750
≥ 50
300
20
95
150
200
1200
80
-15
-1
1800
≥ 120
500
35
120
175
240
1500
105
-15
-1
3150
≥ 210
Supply / Performance
min.
typ.
max.
Supply current
[mA]
-
1
3
Supply voltage
[V]
-
-
10
Linearity
[% FSO BFSL]
- 0.25
± 0.1
0.25
Hysteresis
[%FSO]
- 0.05
± 0.03
0.05
Input impedance
[kΩ] 4.0 to 6.0
Output impedance
[kΩ] 4.0 to 6.0
Insulation resistance
[MΩ] 50
(between housing and sensor chip) @ 50 VDC
1) PSI values around rounded and for reference only
2) 5 psi / 350 mbar only gauge
SPM 402
Piezoresistive Silicon Pressure
Sensor for medium pressure
ranges
Calibrated and compensated
With media separation
Excellent chemical resistance
O- ring mounting
Pressure ranges: 5 to 500 psi
Page 1 of 3


Similar Part No. - SPM402A-P005999819191905

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM4020-DZ TDK-SPM4020-DZ Datasheet
171Kb / 4P
   Inductors for power circuits Wound metal SPM-DZ series (for automobiles)
20220515
SPM4020T-100M-LR TDK-SPM4020T-100M-LR Datasheet
142Kb / 9P
   Inductors for Power Circuits Wound Metal
SPM4020T-1R0M-DZ TDK-SPM4020T-1R0M-DZ Datasheet
171Kb / 4P
   Inductors for power circuits Wound metal SPM-DZ series (for automobiles)
20220515
SPM4020T-1R0M-LR TDK-SPM4020T-1R0M-LR Datasheet
142Kb / 9P
   Inductors for Power Circuits Wound Metal
SPM4020T-1R5M-DZ TDK-SPM4020T-1R5M-DZ Datasheet
171Kb / 4P
   Inductors for power circuits Wound metal SPM-DZ series (for automobiles)
20220515
More results

Similar Description - SPM402A-P005999819191905

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0343 ASC-DS-0343 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Siemens Semiconductor G...
KPY62-RK SIEMENS-KPY62-RK Datasheet
62Kb / 3P
   Silicon Piezoresistive Pressure Sensor
logo
All Sensors Corporation
SPM401 ASC-SPM401 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Siemens Semiconductor G...
KPY66-A SIEMENS-KPY66-A Datasheet
128Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY32-RK SIEMENS-KPY32-RK Datasheet
151Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY52-A SIEMENS-KPY52-A Datasheet
117Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY52-AK SIEMENS-KPY52-AK Datasheet
144Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY51-RK SIEMENS-KPY51-RK Datasheet
144Kb / 4P
   Silicon Piezoresistive Relative Pressure Sensor
KPY33-RK SIEMENS-KPY33-RK Datasheet
149Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY32-R SIEMENS-KPY32-R Datasheet
92Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com