Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM402G-P5000P0819191905 Datasheet(PDF) 2 Page - All Sensors Corporation

Part # SPM402G-P5000P0819191905
Description  Piezoresistive Silicon Pressure Sensor for medium pressure ranges
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

SPM402G-P5000P0819191905 Datasheet(HTML) 2 Page - All Sensors Corporation

  SPM402G-P5000P0819191905 Datasheet HTML 1Page - All Sensors Corporation SPM402G-P5000P0819191905 Datasheet HTML 2Page - All Sensors Corporation SPM402G-P5000P0819191905 Datasheet HTML 3Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPM-402
Stainless steel pressure sensor
Specifications
DS-0344 Rev A
Tel:
408.225.4314
www.allsensors.com
Fax:
408.225.2079
info@allsensors.com
Thermal errors
min.
typ.
max.
TC Offset
[% FS0/10K]
-0.7
-0.1
0.7
TC Span
[% FS0/10K]
- 2.4
-1.9
-1.6
TC resistance
[%/10K]
2.4
2.75
3.3
All parameteres are measured in the temperature range of 0 to 70 °C (32 to 158 °F)
Operating temperature ranges
Media
-40 to 125 °C
(-40 to 257 °F)
Storage
-40 to 125 °C
(-40 to 257 °F)
Mecanical stability
Vibration
10 g RMS (20 to 2000 Hz)
Schock
100 g / 11 ms
Electrical conditions
Standard
4 solder pads ppitch 2.54
Materials
Housing
Stainless steel 316L (1.4404)
Diaphragm
Stainless steel 316L (1.4435)
Media wetted parts
Housing, diaphragm
Miscellaneous
Installation position
any
3)
Protection class
IP 00
Weight
Standard: approx. 10 g
Sealing
O-Ring 15.5 x 1.5 (material: FKM)
Wiring diagram
Dimensions (in mm)
Standard
3)
The sensors are calibrated with the face down diaphragm. By changing the mounting position the offset can shift a little for pressure ranges pn
≤15 psi.
Signal
Supply
Supply +
Signal +
V
Page 2 of 3


Similar Part No. - SPM402G-P5000P0819191905

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM4020-DZ TDK-SPM4020-DZ Datasheet
171Kb / 4P
   Inductors for power circuits Wound metal SPM-DZ series (for automobiles)
20220515
SPM4020T-100M-LR TDK-SPM4020T-100M-LR Datasheet
142Kb / 9P
   Inductors for Power Circuits Wound Metal
SPM4020T-1R0M-DZ TDK-SPM4020T-1R0M-DZ Datasheet
171Kb / 4P
   Inductors for power circuits Wound metal SPM-DZ series (for automobiles)
20220515
SPM4020T-1R0M-LR TDK-SPM4020T-1R0M-LR Datasheet
142Kb / 9P
   Inductors for Power Circuits Wound Metal
SPM4020T-1R5M-DZ TDK-SPM4020T-1R5M-DZ Datasheet
171Kb / 4P
   Inductors for power circuits Wound metal SPM-DZ series (for automobiles)
20220515
More results

Similar Description - SPM402G-P5000P0819191905

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0343 ASC-DS-0343 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Siemens Semiconductor G...
KPY62-RK SIEMENS-KPY62-RK Datasheet
62Kb / 3P
   Silicon Piezoresistive Pressure Sensor
logo
All Sensors Corporation
SPM401 ASC-SPM401 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Siemens Semiconductor G...
KPY66-A SIEMENS-KPY66-A Datasheet
128Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY32-RK SIEMENS-KPY32-RK Datasheet
151Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY52-A SIEMENS-KPY52-A Datasheet
117Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY52-AK SIEMENS-KPY52-AK Datasheet
144Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY51-RK SIEMENS-KPY51-RK Datasheet
144Kb / 4P
   Silicon Piezoresistive Relative Pressure Sensor
KPY33-RK SIEMENS-KPY33-RK Datasheet
149Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY32-R SIEMENS-KPY32-R Datasheet
92Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com