Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM402G-P0150P0819191905 Datasheet(PDF) 3 Page - All Sensors Corporation

Part # SPM402G-P0150P0819191905
Description  Piezoresistive Silicon Pressure Sensor for medium pressure ranges
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

SPM402G-P0150P0819191905 Datasheet(HTML) 3 Page - All Sensors Corporation

  SPM402G-P0150P0819191905 Datasheet HTML 1Page - All Sensors Corporation SPM402G-P0150P0819191905 Datasheet HTML 2Page - All Sensors Corporation SPM402G-P0150P0819191905 Datasheet HTML 3Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SPM-402
Stainless steel pressure sensor
Specifications
DS-0344 Rev A
Tel:
408.225.4314
www.allsensors.com
Fax:
408.225.2079
info@allsensors.com
Ordering Codes
SPM402
-
Type of pressure
gauge
G
absolute
A
Pressure range
5 psi / 350 mbar
G
P
0
0
5
15 psi / 1 bar
P
0
1
5
30 psi / 2 bar
P
0
3
0
50 psi / 3
.5 bar
P
0
5
0
100 psi / 7 bar
P
1
0
0
300 psi / 20 bar
P
3
0
0
500 psi / 35 bar
P
5
0
0
Special pressure ranges
9
9
9
9
Electrical connection
Solder pads
0
P
0
others
9
9
9
Housing material
Stainless steel 316L (1.4404)
8
others
9
Diaphragm material
Stainless steel 316L (1.4435)
1
others
9
Sealing
FKM
1
others
9
Transfer media
Silicone oil
1
others
9
Design
Standard
0
1
venting tube
0
5
others
9
9
Specail versions
Standard
0
0
0
others
9
9
9
Subject to change without advance notice
Page 3 of 3


Similar Part No. - SPM402G-P0150P0819191905

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM4020-DZ TDK-SPM4020-DZ Datasheet
171Kb / 4P
   Inductors for power circuits Wound metal SPM-DZ series (for automobiles)
20220515
SPM4020T-100M-LR TDK-SPM4020T-100M-LR Datasheet
142Kb / 9P
   Inductors for Power Circuits Wound Metal
SPM4020T-1R0M-DZ TDK-SPM4020T-1R0M-DZ Datasheet
171Kb / 4P
   Inductors for power circuits Wound metal SPM-DZ series (for automobiles)
20220515
SPM4020T-1R0M-LR TDK-SPM4020T-1R0M-LR Datasheet
142Kb / 9P
   Inductors for Power Circuits Wound Metal
SPM4020T-1R5M-DZ TDK-SPM4020T-1R5M-DZ Datasheet
171Kb / 4P
   Inductors for power circuits Wound metal SPM-DZ series (for automobiles)
20220515
More results

Similar Description - SPM402G-P0150P0819191905

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0343 ASC-DS-0343 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Siemens Semiconductor G...
KPY62-RK SIEMENS-KPY62-RK Datasheet
62Kb / 3P
   Silicon Piezoresistive Pressure Sensor
logo
All Sensors Corporation
SPM401 ASC-SPM401 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Siemens Semiconductor G...
KPY66-A SIEMENS-KPY66-A Datasheet
128Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY32-RK SIEMENS-KPY32-RK Datasheet
151Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY52-A SIEMENS-KPY52-A Datasheet
117Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY52-AK SIEMENS-KPY52-AK Datasheet
144Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY51-RK SIEMENS-KPY51-RK Datasheet
144Kb / 4P
   Silicon Piezoresistive Relative Pressure Sensor
KPY33-RK SIEMENS-KPY33-RK Datasheet
149Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY32-R SIEMENS-KPY32-R Datasheet
92Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com