Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM401G-PL150P0819191909 Datasheet(PDF) 3 Page - All Sensors Corporation

Part # SPM401G-PL150P0819191909
Description  Piezoresistive Silicon Pressure Sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

SPM401G-PL150P0819191909 Datasheet(HTML) 3 Page - All Sensors Corporation

  SPM401G-PL150P0819191909 Datasheet HTML 1Page - All Sensors Corporation SPM401G-PL150P0819191909 Datasheet HTML 2Page - All Sensors Corporation SPM401G-PL150P0819191909 Datasheet HTML 3Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SPM-401
Piezoresistive silicon pressure sensor
Specifications
DS-0343 Rev A
Tel:
408.225.4314
www.allsensors.com
Fax: 408.225.2079
info@allsensors.com
Ordering Codes
SPM401
-
Type of pressure
gauge G
Pressure range
1.5 psi / 100 mbar
P L 1 5
3 psi / 200 mbar
P 0 0 3
5 psi / 350 mbar
P 0 0 5
15 psi / 1 bar
P 0 1 5
30 psi / 2 bar
P 0 3 0
50 psi / 3.5 bar
P 0 5 0
100 psi / 7 bar
P 1 0 0
Special pressure ranges
9 9 9 9
Electrical connection
Solder pads
0 P 0
others
9 9 9
Housing material
Stainless steel 1.4404
8
others
9
Diaphragm material
Stainless steel 1.4435
1
others
9
Sealing
FKM
1
others
9
Filling liquid
Silicone oil
1
others
9
Design
Standard
0 1
others
9 9
Special versions
Standard
0 0 0
others
9 9 9
Subject to change without advance notice
Page 3 of 3


Similar Part No. - SPM401G-PL150P0819191909

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM4012 TDK-SPM4012 Datasheet
3Mb / 25P
   Inductors for Power Circuits Wound Metallic Magnetic Material SPM series
SPM4012-LR TDK-SPM4012-LR Datasheet
116Kb / 9P
   Inductors for Power Circuits
logo
Sensitron
SPM4012006 SENSITRON-SPM4012006 Datasheet
63Kb / 5P
   Dual MOSFET BRIDGE, With Gate Driver
logo
TDK Electronics
SPM4012T-1R0M-LR TDK-SPM4012T-1R0M-LR Datasheet
116Kb / 9P
   Inductors for Power Circuits Wound Metal
SPM4012T-1R0M-LR TDK-SPM4012T-1R0M-LR Datasheet
116Kb / 9P
   Inductors for Power Circuits
More results

Similar Description - SPM401G-PL150P0819191909

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0343 ASC-DS-0343 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Siemens Semiconductor G...
KPY62-RK SIEMENS-KPY62-RK Datasheet
62Kb / 3P
   Silicon Piezoresistive Pressure Sensor
KPY66-A SIEMENS-KPY66-A Datasheet
128Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY32-RK SIEMENS-KPY32-RK Datasheet
151Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY52-A SIEMENS-KPY52-A Datasheet
117Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY52-AK SIEMENS-KPY52-AK Datasheet
144Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY51-RK SIEMENS-KPY51-RK Datasheet
144Kb / 4P
   Silicon Piezoresistive Relative Pressure Sensor
KPY33-RK SIEMENS-KPY33-RK Datasheet
149Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY32-R SIEMENS-KPY32-R Datasheet
92Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY33-R SIEMENS-KPY33-R Datasheet
94Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com