Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RCB0506820KZF Datasheet(PDF) 1 Page - Superworld Electronics

Part No. RCB0506820KZF
Description  RADIAL CHOKE COIL
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUPERWORLD [Superworld Electronics]
Homepage  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCB0506820KZF Datasheet(HTML) 1 Page - Superworld Electronics

  RCB0506820KZF Datasheet HTML 1Page - Superworld Electronics RCB0506820KZF Datasheet HTML 2Page - Superworld Electronics RCB0506820KZF Datasheet HTML 3Page - Superworld Electronics RCB0506820KZF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R C B 0 5 0 6 1 0 1 M Z F
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Inductance code : 101 = 100uH
(a) Series code
2. CONFIGURATION & DIMENSIONS :
20.00±5.0
B
C
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) CORE
(b) WIRE
(c) LEAD
(d) TUBE
3. SCHEMATIC :
(d) Tolerance code : K = ±10%, M = ±20%
(e) X, Y, Z : Standard part
5. GENERAL SPECIFICATION :
c) OPERATING TEMP. : -40°C TO +125°C
a) TEMP. RISE : 20°C MAX. AT RATED CURRENT
RCB0506 SERIES
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
15.09.2016
15.00±5.0
D
E
F
2.50 Max. 2.00±0.50
6.50
5.00±0.5
0.50 Ref.
Unit:m/m
a
b
d
"
" : Start
Marking :
C
D
B
E
+1.0
-0.5
c
(f)
(f) F : Lead Free
RADIAL CHOKE COIL
101
e
(e) INK
Pre-heating
40s max.
150°C
90 to 120s
260°C
REFLOW SOLDERINGS
230°C
180°C
RECOMMENDED SOLDERING CONDITIONS
10s max.
cooling
Natural
b) STORAGE TEMP.: -40°C TO +125°C


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn