Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RCB0506820KZF Datasheet(PDF) 3 Page - Superworld Electronics

Part No. RCB0506820KZF
Description  RADIAL CHOKE COIL
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUPERWORLD [Superworld Electronics]
Homepage  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCB0506820KZF Datasheet(HTML) 3 Page - Superworld Electronics

  RCB0506820KZF Datasheet HTML 1Page - Superworld Electronics RCB0506820KZF Datasheet HTML 2Page - Superworld Electronics RCB0506820KZF Datasheet HTML 3Page - Superworld Electronics RCB0506820KZF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
RCB0506 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 3
15.09.2016
7. CHARACTERISTICS CURVES :
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE
10
FREQUENCY(MHZ)
-1
10
10-3
5
10-2
3
5
3
10-1
3 5
10
0
3 5
3
101
5
3
102
5
DC CURRENT (A)
5
-2
-1
10
10
5
3
10
5
3
3
-1
3
10
0
10
5
1
2
10
3
5
DC CURRENT (A)
L
(uH)
10
3
5
0
1
3
5
3
5
2
10
3
5
103
1R0M
100K
101K
331K
102K
@ INDUCTANCE VS. FREQUENCY RESPONSE CURVE
4
10
0 0
10
1
2
102K
3
10
0
(uH)
L
1
10
1R0M
100K
2
10
3
5
5
3
101K
331K
3
10
3
4
5
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE
102K
50
20
30
Δt
(°C)
40
331K
60
70
80
101K
101K
90
1R0M
RADIAL CHOKE COIL


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn