Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RCB0506820KZF Datasheet(PDF) 2 Page - Superworld Electronics

Part No. RCB0506820KZF
Description  RADIAL CHOKE COIL
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUPERWORLD [Superworld Electronics]
Homepage  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCB0506820KZF Datasheet(HTML) 2 Page - Superworld Electronics

  RCB0506820KZF Datasheet HTML 1Page - Superworld Electronics RCB0506820KZF Datasheet HTML 2Page - Superworld Electronics RCB0506820KZF Datasheet HTML 3Page - Superworld Electronics RCB0506820KZF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
RCB0506 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
15.09.2016
RCB0506390KZF
RCB0506560KZF
RCB0506680KZF
RCB0506820KZF
RCB0506470KZF
Part No.
RCB05061R0MZF
RCB05061R2MZF
RCB05061R5MZF
RCB05062R2MZF
RCB05062R7MZF
RCB05063R3MZF
RCB05063R9MZF
RCB05064R7MZF
RCB05065R6KZF
RCB05061R8MZF
RCB05068R2KZF
RCB0506100KZF
RCB0506120KZF
RCB0506150KZF
RCB0506180KZF
RCB0506220KZF
RCB0506330KZF
RCB0506270KZF
RCB05066R8KZF
590
0.40
25.0
1V/7.96M
60
8.2 ±10%
1V/2.52M
50
47.0 ±10%
82.0 ±10%
68.0 ±10%
56.0 ±10%
50
50
50
1V/2.52M
1V/2.52M
1V/2.52M
39.0 ±10%
12.0 ±10%
15.0 ±10%
22.0 ±10%
33.0 ±10%
27.0 ±10%
18.0 ±10%
10.0 ±10%
50
50
60
50
1V/2.52M
1V/2.52M
1V/2.52M
1V/2.52M
60
60
60
60
1V/2.52M
1V/2.52M
1V/2.52M
1V/2.52M
370
7.0
1.00
350
340
320
5.5
6.0
6.5
1.50
1.20
1.30
390
550
500
480
460
410
430
530
8.0
7.5
9.0
10.0
0.85
0.90
0.65
0.75
15.0
11.0
13.0
20.0
0.50
0.55
0.60
0.45
6.8 ±10%
5.6 ±10%
4.7 ±20%
3.9 ±20%
3.3 ±20%
2.7 ±20%
2.2 ±20%
1.8 ±20%
1.5 ±20%
1V/7.96M
60
60
60
60
60
1V/7.96M
1V/7.96M
1V/7.96M
1V/7.96M
60
60
60
60
1V/7.96M
1V/7.96M
1V/7.96M
1V/7.96M
Inductance
1.2 ±20%
1.0 ±20%
( μH )
Min.
60
60
Q
( Hz )
1V/7.96M
1V/7.96M
Test Frequency
920
880
830
750
720
670
620
640
790
0.30
50.0
30.0
35.0
40.0
45.0
0.40
0.35
0.30
0.35
65.0
60.0
70.0
75.0
0.24
0.27
0.20
0.22
1030
980
Max.
( mA )
IDC
Min.
90.0
105.0
( MHz )
SRF
Max.
0.10
0.15
( Ω )
RDC
120
2.0
9.60
1V/0.796M
55
RCB0506821KZF
820.0 ±10%
1V/0.252M
1000.0 ±10%
RCB0506102KZF
55
11.50
1.8
100
1V/0.796M
1V/0.796M
1V/0.796M
1V/0.796M
1V/0.796M
1V/0.796M
1V/0.796M
1V/0.796M
1V/0.796M
1V/0.796M
1V/0.796M
270.0 ±10%
220.0 ±10%
180.0 ±10%
150.0 ±10%
680.0 ±10%
560.0 ±10%
470.0 ±10%
390.0 ±10%
330.0 ±10%
RCB0506331KZF
RCB0506561KZF
RCB0506681KZF
RCB0506471KZF
RCB0506391KZF
RCB0506221KZF
RCB0506271KZF
RCB0506151KZF
RCB0506181KZF
55
55
45
55
45
45
45
50
50
120.0 ±10%
100.0 ±10%
RCB0506121KZF
RCB0506101KZF
50
50
2.30
2.50
2.75
2.10
6.00
6.50
8.50
9.00
4.68
2.4
2.2
3.0
2.8
3.8
3.6
3.3
4.2
4.4
135
125
150
140
200
180
165
235
275
1.90
1.70
5.0
4.8
305
290
RADIAL CHOKE COIL


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn