Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4862DY Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI4862DY
Description  N-Channel 16-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4862DY Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4862DY Datasheet HTML 1Page - Vishay Siliconix SI4862DY Datasheet HTML 2Page - Vishay Siliconix SI4862DY Datasheet HTML 3Page - Vishay Siliconix SI4862DY Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si4862DY
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71439
S-03662—Rev. B, 14-Apr-03
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
0.6
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 12.8 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 12.8 V, VGS = 0 V, TJ = 55_C
5
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 4.5 V
30
A
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 25 A
0.0027
0.0033
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 2.5 V, ID = 20 A
0.0045
0.0055
W
Forward Transconductancea
gfs
VDS = 6 V, ID = 25 A
140
S
Diode Forward Voltagea
VSD
IS = 2.9 A, VGS = 0 V
0.75
1.1
V
Dynamicb
Total Gate Charge
Qg
48
70
Gate-Source Charge
Qgs
VDS = 6 V, VGS = 4.5 V, ID = 25 A
11.8
nC
Gate-Drain Charge
Qgd
8.9
Gate Resistance
Rg
0.5
1.3
2.2
W
Turn-On Delay Time
td(on)
42
60
Rise Time
tr
VDD = 6 V, RL = 6 W
38
60
Turn-Off Delay Time
td(off)
VDD = 6 V, RL = 6 W
ID ^ 1 A, VGEN = 4.5 V, RG = 6 W
120
180
ns
Fall Time
tf
50
75
Source-Drain Reverse Recovery Time
trr
IF = 2.9 A, di/dt = 100 A/ms
80
120
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
0
10
20
30
40
50
60
012345
VGS = 5 thru 2.5 V
25
_C
TC = 125_C
-55
_C
2 V
Output Characteristics
Transfer Characteristics
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)


Similar Part No. - SI4862DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4862DY VISHAY-SI4862DY Datasheet
160Kb / 7P
   N-Channel 16-V (D-S) MOSFET
01-Jan-2022
SI4862DY VISHAY-SI4862DY_07 Datasheet
73Kb / 5P
   N-Channel 16-V (D-S) MOSFET
Rev. B, 14-Apr-03
SI4862DY VISHAY-SI4862DY_V01 Datasheet
160Kb / 7P
   N-Channel 16-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI4862DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
71792 VISHAY-71792 Datasheet
53Kb / 5P
   N-Channel 16-V (D-S) MOSFET
18-Jul-08
SI7862ADP VISHAY-SI7862ADP_V02 Datasheet
296Kb / 12P
   N-Channel 16-V (D-S) MOSFET
01-Jan-2022
SI4862DY VISHAY-SI4862DY_V01 Datasheet
160Kb / 7P
   N-Channel 16-V (D-S) MOSFET
01-Jan-2022
SI7862ADP VISHAY-SI7862ADP Datasheet
297Kb / 12P
   N-Channel 16-V (D-S) MOSFET
Rev. C, 03-Mar-08
SI4862DY VISHAY-SI4862DY_07 Datasheet
73Kb / 5P
   N-Channel 16-V (D-S) MOSFET
Rev. B, 14-Apr-03
SI7862ADP VISHAY-SI7862ADP_V01 Datasheet
298Kb / 12P
   N-Channel 16-V (D-S) MOSFET
08-Feb-17
logo
Shenzhen Tuofeng Semico...
TF2026 TUOFENG-TF2026 Datasheet
648Kb / 6P
   P-Channel 16-V(D-S) MOSFET
Feb,2018 V1.0
logo
DinTek Semiconductor Co...
DTQ3207 DINTEK-DTQ3207 Datasheet
418Kb / 8P
   P-Channel 16 V (D-S) MOSFET
VER.201CF
logo
Shenzhen Tuofeng Semico...
TF2305B TUOFENG-TF2305B Datasheet
629Kb / 6P
   P-Channel 16-V(D-S) MOSFET
Feb,2018 V1.0
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com