Electronic Components Datasheet Search |
|
SPM402A-P030999819191901 Datasheet(PDF) 2 Page - All Sensors Corporation |
|
SPM402A-P030999819191901 Datasheet(HTML) 2 Page - All Sensors Corporation |
2 / 3 page SPM-402 Stainless steel pressure sensor Specifications DS-0344 Rev A Tel: 408.225.4314 www.allsensors.com Fax: 408.225.2079 info@allsensors.com Thermal errors min. typ. max. TC Offset [% FS0/10K] -0.7 -0.1 0.7 TC Span [% FS0/10K] - 2.4 -1.9 -1.6 TC resistance [%/10K] 2.4 2.75 3.3 All parameteres are measured in the temperature range of 0 to 70 °C (32 to 158 °F) Operating temperature ranges Media -40 to 125 °C (-40 to 257 °F) Storage -40 to 125 °C (-40 to 257 °F) Mecanical stability Vibration 10 g RMS (20 to 2000 Hz) Schock 100 g / 11 ms Electrical conditions Standard 4 solder pads ppitch 2.54 Materials Housing Stainless steel 316L (1.4404) Diaphragm Stainless steel 316L (1.4435) Media wetted parts Housing, diaphragm Miscellaneous Installation position any 3) Protection class IP 00 Weight Standard: approx. 10 g Sealing O-Ring 15.5 x 1.5 (material: FKM) Wiring diagram Dimensions (in mm) Standard 3) The sensors are calibrated with the face down diaphragm. By changing the mounting position the offset can shift a little for pressure ranges pn ≤15 psi. Signal − Supply − Supply + Signal + V Page 2 of 3 |
Similar Part No. - SPM402A-P030999819191901 |
|
Similar Description - SPM402A-P030999819191901 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |