Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPM502S-L75202001 Datasheet(PDF) 2 Page - All Sensors Corporation

Part # CPM502S-L75202001
Description  Piezoresistive ceramic pressure sensor with flush membrane
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

CPM502S-L75202001 Datasheet(HTML) 2 Page - All Sensors Corporation

  CPM502S-L75202001 Datasheet HTML 1Page - All Sensors Corporation CPM502S-L75202001 Datasheet HTML 2Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CPM-502
Ceramic Pressure Sensor
Specifications
DS-0347 Rev C
Tel:
408.225.4314
www.allsensors.com
Fax:
408.225.2079
info@allsensors.com
Electrical connections
Standard
Pins, pitch 0.1 inch / 2.54mm
Miscellaneous
Media wetted parts
Ceramic Al2O3 96 %
Weight
approx. 7 g
Dimension
Ø = 18 ± 0.1 mm
d = 6.15 to 7.55 ± 0.1 mm
Mechanical
Venting hole:
- open for gauge version
- closed for absolute and sealed gauge version
Ordering code
CPM502
-
Type of pressure
absolute A
gauge G
sealed gauge S
Pressure range
7.5 psi / (only gauge) 0.5 bar
L 7 5
15 psi / 1 bar
0 1 5
30 psi / 2 bar
0 3 0
75 psi / 5 bar
0 7 5
150 psi / 10 bar
1 5 0
300 psi / 20 bar
3 0 0
750 psi / 50 bar
7 5 0
1500 psi / (only sealed gauge) 100 bar
1 K 5
3000 psi / (only sealed gauge) 200 bar
3 K 0
6000 psi / (only sealed gauge) 400 bar
6 K 0
9000 psi / (only sealed gauge) 600 bar
9 K 0
Electrical connection
Solder pads tinned, pitch 0.1 inch / 2.54mm
5)
2 0 1
Pins, pitch 0.1 inch / 2.54mm
2 0 2
Others
– on request
9 9 9
Options
Standard
0 0 1
5) minimum order quantity required
1: + IN
2: + OUT
3: - IN 1
4: - OUT
5: - IN 2


Similar Part No. - CPM502S-L75202001

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CPM5048S05 XPPOWER-CPM5048S05 Datasheet
171Kb / 4P
   Component Power DC-DC Modules
CPM5048S12 XPPOWER-CPM5048S12 Datasheet
171Kb / 4P
   Component Power DC-DC Modules
CPM50FS05 XPPOWER-CPM50FS05 Datasheet
171Kb / 4P
   Component Power DC-DC Modules
CPM50FS12 XPPOWER-CPM50FS12 Datasheet
171Kb / 4P
   Component Power DC-DC Modules
CPM50FS24 XPPOWER-CPM50FS24 Datasheet
171Kb / 4P
   Component Power DC-DC Modules
More results

Similar Description - CPM502S-L75202001

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-0340 ASC-DS-0340 Datasheet
838Kb / 2P
   Piezoresistive Monolithic Ceramic Pressure Sensor
DS-0348 ASC-DS-0348 Datasheet
780Kb / 2P
   Piezoresistive Monolithic Ceramic Pressure Sensor
CPM602 ASC-CPM602 Datasheet
355Kb / 2P
   Piezoresistive Monolithic Ceramic Pressure Sensor
DS-0343 ASC-DS-0343 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Siemens Semiconductor G...
KPY62-RK SIEMENS-KPY62-RK Datasheet
62Kb / 3P
   Silicon Piezoresistive Pressure Sensor
logo
All Sensors Corporation
SPM401 ASC-SPM401 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Siemens Semiconductor G...
KPY66-A SIEMENS-KPY66-A Datasheet
128Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY32-RK SIEMENS-KPY32-RK Datasheet
151Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY52-A SIEMENS-KPY52-A Datasheet
117Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY52-AK SIEMENS-KPY52-AK Datasheet
144Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com