Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1PSI-D-4V-PRIME Datasheet(PDF) 5 Page - All Sensors Corporation

Part # 1PSI-D-4V-PRIME
Description  Amplified Middle Pressure Sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

1PSI-D-4V-PRIME Datasheet(HTML) 5 Page - All Sensors Corporation

  1PSI-D-4V-PRIME Datasheet HTML 1Page - All Sensors Corporation 1PSI-D-4V-PRIME Datasheet HTML 2Page - All Sensors Corporation 1PSI-D-4V-PRIME Datasheet HTML 3Page - All Sensors Corporation 1PSI-D-4V-PRIME Datasheet HTML 4Page - All Sensors Corporation 1PSI-D-4V-PRIME Datasheet HTML 5Page - All Sensors Corporation 1PSI-D-4V-PRIME Datasheet HTML 6Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
All Sensors
DS-0029 Rev C
Parameter, note 1
Operating Range, absolute pressure
Output Span, note 4
Offset Voltage @ zero pressure
Offset Temperature Shift (-25°C to 85°C), note 2
Linearity, hysteresis error, note 3
Span Shift (-25°C to 85°C), note 2
Minimum
--
3.90
0.15
--
--
--
Nominal
30.0
4.0
0.25
--
--
--
Maximum
--
4.10
0.35
±20
±0.5
±1
Units
PSI
V
V
mV
%FSS
%FSS
Performance Characteristics for 30 PSI-A-4V-PRIME
Parameter, note 1
Operating Range, absolute pressure
Output Span, note 4
Offset Voltage @ zero pressure
Offset Temperature Shift (-25°C to 85°C), note 2
Linearity, hysteresis error, note 3
Span Shift (-25°C to 85°C), note 2
Minimum
--
3.90
0.15
--
--
--
Nominal
100.0
4.0
0.25
--
--
--
Maximum
--
4.10
0.35
±20
±0.5
±1
Units
PSI
V
V
mV
%FSS
%FSS
Performance Characteristics for 100 PSI-A-4V-PRIME
Parameter, note 1
Operating Range, differential pressure
Output Span, note 4
Offset Voltage @ zero differential pressure
Offset Temperature Shift (-25°C to 85°C), note 2
Linearity, hysteresis error, note 3
Span Shift (-25°C to 85°C), note 2
Minimum
--
±1.90
2.15
--
--
--
Nominal
±30.0
±2.0
2.25
--
--
--
Maximum
--
±2.10
2.35
±20
±0.5
±1
Units
PSI
V
V
mV
%FSS
%FSS
Performance Characteristics for 30 PSI-D-4V-PRIME
Parameter, note 1
Operating Range, gage pressure
Output Span, note 4
Offset Voltage @ zero pressure
Offset Temperature Shift (-25°C to 85°C, note 2
Linearity, hysteresis error, note 3
Span Shift (-25°C to 85°C), note 2
Minimum
--
3.90
0.15
--
--
--
Nominal
30.0
4.0
0.25
--
--
--
Maximum
--
4.10
0.35
±20
±0.5
±1
Units
PSI
V
V
mV
%FSS
%FSS
Performance Characteristics for 30 PSI-G-4V-PRIME


Similar Part No. - 1PSI-D-4V-PRIME

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
1PSI-D-4V-ASCX ASC-1PSI-D-4V-ASCX Datasheet
285Kb / 2P
   COMPATIBLE TO SENSYM ASCX SERIES
1PSI-D-4V-ASCX ASC-1PSI-D-4V-ASCX Datasheet
285Kb / 2P
   ASCX Series Compatible Pressure Sensors
1PSI-D-4V-MIL ASC-1PSI-D-4V-MIL Datasheet
47Kb / 4P
   Military Temperature Grade
More results

Similar Description - 1PSI-D-4V-PRIME

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-00283 ASC-DS-00283 Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
DS-0028 ASC-DS-0028 Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
442-1022-ND ASC-442-1022-ND Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
DS-00292 ASC-DS-00292 Datasheet
256Kb / 6P
   Amplified Middle Pressure Sensors
DS-0032 ASC-DS-0032 Datasheet
241Kb / 3P
   AMPLIFIED Pressure Sensors
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
   Amplified pressure sensors
HMAM100U SENSORTECHNICS-HMAM100U Datasheet
381Kb / 15P
   Amplified pressure sensors
HDI0611ABE8H3 SENSORTECHNICS-HDI0611ABE8H3 Datasheet
124Kb / 11P
   Amplified pressure sensors
logo
All Sensors Corporation
10INCH-G-4V ASC-10INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
logo
Sensortechnics GmbH
HCE0611ABE8P3 SENSORTECHNICS-HCE0611ABE8P3 Datasheet
148Kb / 11P
   Miniature amplified pressure sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com