Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS-0029 Datasheet(PDF) 1 Page - All Sensors Corporation

Part # DS-0029
Description  Amplified Middle Pressure Sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DS-0029 Datasheet(HTML) 1 Page - All Sensors Corporation

  DS-0029 Datasheet HTML 1Page - All Sensors Corporation DS-0029 Datasheet HTML 2Page - All Sensors Corporation DS-0029 Datasheet HTML 3Page - All Sensors Corporation DS-0029 Datasheet HTML 4Page - All Sensors Corporation DS-0029 Datasheet HTML 5Page - All Sensors Corporation DS-0029 Datasheet HTML 6Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
All Sensors
DS-0029 Rev C
MKT
DATE
MFG
DATE
ENG
DATE
QA
DATE
Approvals
As Is
With Change
As Is
With Change
As Is
With Change
As Is
With Change
pin 1: Vs
pin 2: Gnd
pin 3: Vout
pin 4: do not connect
Pin 1 Identifier
CL
Port A
Port B
0.020" x 0.010" Pin
0.30" minimum length
21.59
0.850
20.32
0.800
2.54
0.125
R
3.18
0.140
3.56
(Typ)
0.100
0.050
1.27
Port 0.179"/0.189"
0.550
13.97
0.480
12.19
0.344
8.74
The Amplified line of middle pressure sensors is based upon a proprietary package technology to reduce errors. This model provides
a ratiometric 4-volt output with superior output characteristics. The sensor housing has been designed specifically to reduce package
induced parasitic stress and strain. In addition the sensor utilizes a silicon, micromachined, stress concentration enhanced structure to
provide a very linear output to measured pressure.
These calibrated and temperature compensated sensors give an accurate and stable output over a wide temperature range. Each sensor
is internally compensated using an ASIC compensation technique. This series is intended for use with non-corrosive, non-ionic working
fluids such as air, dry gases and the like.
The output of the device is ratiometric to the supply voltage over a supply voltage range of 4.5 to 5.5 volts.
• 0 to 0.3 psi to 0 to 100 psi Pressure Ranges
• Ratiometric 4V Output
• Temperature Compensated (-25C to 85C)
• Calibrated Zero and Span
Physical Dimensions
• Medical Instrumentation
• Environmental Controls
• HVAC
General Description
Applications
Features
Amplified Middle Pressure Sensors
Industrial Temperature Grade


Similar Part No. - DS-0029

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-00292 ASC-DS-00292 Datasheet
256Kb / 6P
   Amplified Middle Pressure Sensors
More results

Similar Description - DS-0029

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
DS-00283 ASC-DS-00283 Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
DS-0028 ASC-DS-0028 Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
442-1022-ND ASC-442-1022-ND Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
DS-00292 ASC-DS-00292 Datasheet
256Kb / 6P
   Amplified Middle Pressure Sensors
DS-0032 ASC-DS-0032 Datasheet
241Kb / 3P
   AMPLIFIED Pressure Sensors
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
   Amplified pressure sensors
HMAM100U SENSORTECHNICS-HMAM100U Datasheet
381Kb / 15P
   Amplified pressure sensors
HDI0611ABE8H3 SENSORTECHNICS-HDI0611ABE8H3 Datasheet
124Kb / 11P
   Amplified pressure sensors
logo
All Sensors Corporation
10INCH-G-4V ASC-10INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
logo
Sensortechnics GmbH
HCE0611ABE8P3 SENSORTECHNICS-HCE0611ABE8P3 Datasheet
148Kb / 11P
   Miniature amplified pressure sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com