Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0.3PSI-D-4V Datasheet(PDF) 7 Page - All Sensors Corporation

Part No. 0.3PSI-D-4V
Description  Amplified Middle Pressure Sensors
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ASC [All Sensors Corporation]
Homepage  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

0.3PSI-D-4V Datasheet(HTML) 7 Page - All Sensors Corporation

  0.3PSI-D-4V Datasheet HTML 1Page - All Sensors Corporation 0.3PSI-D-4V Datasheet HTML 2Page - All Sensors Corporation 0.3PSI-D-4V Datasheet HTML 3Page - All Sensors Corporation 0.3PSI-D-4V Datasheet HTML 4Page - All Sensors Corporation 0.3PSI-D-4V Datasheet HTML 5Page - All Sensors Corporation 0.3PSI-D-4V Datasheet HTML 6Page - All Sensors Corporation 0.3PSI-D-4V Datasheet HTML 7Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
All Sensors
DS-0028 Rev D
Pressure Response: for any pressure applied the response time to get to 90% of pressure applied is typically less than 500 useconds.
Specification Notes
note
1: All pArAmeters Are meAsured At 5.0 volt excitAtion, for the nominAl full scAle pressure And room temperAture unless otherwise specified. pressure meAsurements Are with
positive pressure Applied to
port B. ABsolute devices require pressure to Be Applied to port A.
note
2: shift is relAtive to 25°c over the compensAted temperAture rAnge.
note
3: meAsured At one-hAlf full scAle rAted pressure using Best strAight line curve fit.
note
4: the spAn is the AlgeBrAic difference Between full scAle output voltAge And the offset voltAge.
Parameter, note 1
Output Span, note 4 (FSS)
Offset Voltage @ zero gage pressure
Offset Temperature Shift, note 2
Linearity, hysteresis error, note 3
Span Temperature Shift, note 2
Minimum
3.90
0.15
--
--
--
Nominal
4.0
0.25
--
--
--
Maximum
4.10
0.35
±20.0
±0.5
±1.0
Units
V
V
mV
%FSS
%FSS
Performance Characteristics for 150 PSI-G-4V
Parameter, note 1
Output Span, note 4 (FSS)
Offset Voltage @ zero differential pressure
Offset Temperature Shift, note 2
Linearity, hysteresis error, note 3
Span Temperature Shift, note 2
Minimum
±1.90
2.15
--
--
--
Nominal
±2.0
2.25
--
--
--
Maximum
±2.10
2.35
±20.0
±0.5
±1.0
Units
V
V
mV
%FSS
%FSS
Performance Characteristics for 150 PSI-D-4V
Parameter, note 1
Output Voltage @ 1,100 mbar
Output Voltage @ 600 mbar
Offset Temperature Shift, note 2
Linearity, hysteresis error, note 3
Span Temperature Shift, note 2
Minimum
4.20
0.20
--
--
--
Nominal
4.25
0.25
--
0.05
--
Maximum
4.30
0.30
±20.0
±0.25
±1.0
Units
V
V
mV
%FSS
%FSS
Performance Characteristics for BARO-A-4V


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn