Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0.3PSI-D-4V Datasheet(PDF) 3 Page - All Sensors Corporation

Part No. 0.3PSI-D-4V
Description  Amplified Middle Pressure Sensors
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ASC [All Sensors Corporation]
Homepage  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

0.3PSI-D-4V Datasheet(HTML) 3 Page - All Sensors Corporation

  0.3PSI-D-4V Datasheet HTML 1Page - All Sensors Corporation 0.3PSI-D-4V Datasheet HTML 2Page - All Sensors Corporation 0.3PSI-D-4V Datasheet HTML 3Page - All Sensors Corporation 0.3PSI-D-4V Datasheet HTML 4Page - All Sensors Corporation 0.3PSI-D-4V Datasheet HTML 5Page - All Sensors Corporation 0.3PSI-D-4V Datasheet HTML 6Page - All Sensors Corporation 0.3PSI-D-4V Datasheet HTML 7Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
All Sensors
DS-0028 Rev D
Parameter, note 1
Output Span, note 4 (FSS)
Offset Voltage @ zero gage pressure
Offset Temperature Shift, note 2
Linearity, hysteresis error, note 3
Span Temperature Shift, note 2
Minimum
3.90
0.15
--
--
--
Nominal
4.0
0.25
--
--
--
Maximum
4.10
0.35
±40.0
±0.5
±2.0
Units
V
V
mV
%FSS
%FSS
Performance Characteristics for 0.3 PSI-G-4V
Parameter, note 1
Output Span, note 4 (FSS)
Offset Voltage @ zero differential pressure
Offset Temperature Shift, note 2
Linearity, hysteresis error, note 3
Span Temperature Shift, note 2
Minimum
±1.90
2.15
--
--
--
Nominal
±2.0
2.25
--
--
--
Maximum
±2.10
2.35
±40.0
±0.5
±1.0
Units
V
V
mV
%FSS
%FSS
Performance Characteristics for 1 PSI-D-4V
Parameter, note 1
Output Span, note 4 (FSS)
Offset Voltage @ zero gage pressure
Offset Temperature Shift, note 2
Linearity, hysteresis error, note 3
Span Temperature Shift, note 2
Minimum
3.90
0.15
--
--
--
Nominal
4.0
0.25
--
--
--
Maximum
4.10
0.35
±40.0
±0.5
±1.0
Units
V
V
mV
%FSS
%FSS
Performance Characteristics for: 1 PSI-G-4V
Parameter, note 1
Output Span, note 4 (FSS)
Offset Voltage @ zero differential pressure
Offset Temperature Shift, note 2
Linearity, hysteresis error, note 3
Span Temperature Shift, note 2
Minimum
±1.90
2.15
--
--
--
Nominal
±2.0
2.25
--
--
--
Maximum
±2.10
2.35
±20.0
±0.5
±1.0
Units
V
V
mV
%FSS
%FSS
Performance Characteristics for 2.5 PSI-D-4V


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn