Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0.3PSI-D-4V Datasheet(PDF) 2 Page - All Sensors Corporation

Part No. 0.3PSI-D-4V
Description  Amplified Middle Pressure Sensors
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ASC [All Sensors Corporation]
Homepage  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

0.3PSI-D-4V Datasheet(HTML) 2 Page - All Sensors Corporation

  0.3PSI-D-4V Datasheet HTML 1Page - All Sensors Corporation 0.3PSI-D-4V Datasheet HTML 2Page - All Sensors Corporation 0.3PSI-D-4V Datasheet HTML 3Page - All Sensors Corporation 0.3PSI-D-4V Datasheet HTML 4Page - All Sensors Corporation 0.3PSI-D-4V Datasheet HTML 5Page - All Sensors Corporation 0.3PSI-D-4V Datasheet HTML 6Page - All Sensors Corporation 0.3PSI-D-4V Datasheet HTML 7Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Amplified Output Medium Pressure Sensor
Part Number
0.3 PSI-D-4V
0.3 PSI-G-4V
1 PSI-D-4V
1 PSI-G-4V
2.5 PSI-D-4V
2.5 PSI-G-4V
5 PSI-D-4V
5 PSI-G-4V
15 PSI-A-4V
15 PSI-D-4V
15 PSI-G-4V
30 PSI-A-4V
30 PSI-D-4V
30 PSI-G-4V
100 PSI-A-4V
100 PSI-D-4V
100 PSI-G-4V
150 PSI-D-4V
150 PSI-G-4V
BARO-A-4V
Operating Pressure
±0.3 PSI
0 - 0.3 PSI
±1 PSI
0 - 1 PSI
±2.5 PSI
0 - 2.5 PSI
± 5 PSI
0 - 5 PSI
0 - 15 PSIA
±15 PSI
0 - 15 PSI
0 - 30 PSIA
±30 PSI
0 - 30 PSI
0 - 100 PSI
±100 PSI
0 - 100 PSI
±150 PSI
0 - 150 PSI
600 - 1100 mbarA
Nominal Span
±2 V
4 V
±2 V
4 V
±2 V
4V
±2 V
4 V
4 V
±2 V
4 V
4 V
±2 V
4 V
4V
±2 V
4V
±2 V
4V
4V
Proof Pressure
5 PSI
5 PSI
5 PSI
5 PSI
10 PSI
10 PSI
15 PSI
15 PSI
45 PSI
45 PSI
45 PSI
60 PSI
60 PSI
60 PSI
150 PSI
150 PSI
150 PSI
200 PSI
200 PSI
45 PSI
Burst Pressure
10 PSI
10 PSI
10 PSI
10 PSI
20 PSI
20 PSI
30 PSI
30 PSI
60 PSI
60 PSI
60 PSI
60 PSI
60 PSI
100 PSI
150 PSI
150 PSI
150 PSI
200 PSI
200 PSI
60 PSI
Standard Pressure Ranges
Supply Voltage, Vs
Common-mode pressure
Lead Temperature, max
(soldering 2-4 sec.)
+4.5 to +5.5 Vdc
-10 to +10 psig
250°C
Pressure Sensor Ratings
Temperature Ranges
Compensated
Operating
Storage
Humidity Limits
5 to 50° C
-25 to 85° C
-40 to 125° C
0 to 95% RH
(non condensing)
Environmental Specifications
Minimum
±1.90
2.15
--
--
--
Parameter, note 1
Output Span, note 4 (FSS)
Offset Voltage @ zero differential pressure
Offset Temperature Shift, note 2
Linearity, hysteresis error, note 3
Span Temperature Shift, note 2
Nominal
±2.0
2.25
--
--
--
Maximum
±2.10
2.35
±40.0
±0.5
±2.0
Units
V
V
mV
%FSS
%FSS
Performance Characteristics for 0.3 PSI-D-4V


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn