Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGD15N41CL Datasheet(PDF) 3 Page - ON Semiconductor

Part # NGD15N41CL
Description  Ignition IGBT 15 Amps, 410 Volts
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGD15N41CL Datasheet(HTML) 3 Page - ON Semiconductor

  NGD15N41CL Datasheet HTML 1Page - ON Semiconductor NGD15N41CL Datasheet HTML 2Page - ON Semiconductor NGD15N41CL Datasheet HTML 3Page - ON Semiconductor NGD15N41CL Datasheet HTML 4Page - ON Semiconductor NGD15N41CL Datasheet HTML 5Page - ON Semiconductor NGD15N41CL Datasheet HTML 6Page - ON Semiconductor NGD15N41CL Datasheet HTML 7Page - ON Semiconductor NGD15N41CL Datasheet HTML 8Page - ON Semiconductor NGD15N41CL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NGD15N41CLT4, NGB15N41CLT4, NGP15N41CL
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued)
Characteristic
Symbol
Test Conditions
Temperature
Min
Typ
Max
Unit
ON CHARACTERISTICS (continued) (Note 3)
Collector−to−Emitter On−Voltage
VCE(on)
I
60A
TJ = 25°C
1.0
1.6
1.8
VDC
g
CE(on)
IC = 6.0 A,
VGE = 4.0 V
TJ = 150°C
0.9
1.5
1.8
DC
VGE = 4.0 V
TJ = −40°C
1.1
1.65
1.9*
I
80A
TJ = 25°C
1.3
1.8
2.0*
IC = 8.0 A,
VGE = 4.0 V
TJ = 150°C
1.2
1.7
1.9
VGE = 4.0 V
TJ = −40°C
1.4
1.8
2.0*
I
10 A
TJ = 25°C
1.4
2.0
2.2
IC = 10 A,
VGE = 4.0 V
TJ = 150°C
1.5
2.0
2.3*
VGE = 4.0 V
TJ = −40°C
1.4
2.0
2.2
I
10 A
TJ = 25°C
1.3
1.9
2.1
IC = 10 A,
VGE = 4.5 V
TJ = 150°C
1.3
1.9
2.1
VGE = 4.5 V
TJ = −40°C
1.4
1.95
2.1*
Forward Transconductance
gfs
VCE = 5.0 V, IC = 6.0 A
TJ = −40°C to
150
°C
8.0
15
25
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
V
25 V V
0V
T
40
°C
400
650
1000
pF
Output Capacitance
COSS
VCC = 25 V, VGE = 0 V
f = 1.0 MHz
TJ = −40°C to
150
°C
30
55
100
Transfer Capacitance
CRSS
f = 1.0 MHz
150
°C
3.0
4.5
8.0
SWITCHING CHARACTERISTICS
Turn−Off Delay Time (Inductive)
td(off)
VCC = 300 V, IC = 6.5 A
R
10k
Ω L 300 H
TJ = 25°C
4.0
10
µSec
y(
)
d(off)
CC
, C
RG = 1.0 kΩ, L = 300 µH
TJ = 150°C
4.5
10
µ
Fall Time (Inductive)
tf
VCC = 300 V, IC = 6.5 A
R
10k
Ω L 300 H
TJ = 25°C
6.0
12
()
f
CC
, C
RG = 1.0 kΩ, L = 300 µH
TJ = 150°C
10
12
Turn−Off Delay Time (Resistive)
td(off)
VCC = 300 V, IC = 6.5 A
R
10k
Ω R
46
TJ = 25°C
3.0
10
µSec
y(
)
d(off)
CC
, C
RG = 1.0 kΩ, RL = 46 Ω,
TJ = 150°C
3.5
10
µ
Fall Time (Resistive)
tf
VCC = 300 V, IC = 6.5 A
R
10k
Ω R
46
TJ = 25°C
8.0
15
()
f
CC
, C
RG = 1.0 kΩ, RL = 46 Ω,
TJ = 150°C
12
15
Turn−On Delay Time
td(on)
VCC = 10 V, IC = 6.5 A
R
10k
Ω R
15
TJ = 25°C
0.7
4.0
µSec
y
d(on)
CC
, C
RG = 1.0 kΩ, RL = 1.5 Ω
TJ = 150°C
0.7
4.0
µ
Rise Time
tr
VCC = 10 V, IC = 6.5 A
R
10k
Ω R
15
TJ = 25°C
4.0
7.0
r
CC
, C
RG = 1.0 kΩ, RL = 1.5 Ω
TJ = 150°C
5.0
7.0
3. Pulse Test: Pulse Width
v 300 µS, Duty Cycle v 2%.
*Maximum Value of Characteristic across Temperature Range.


Similar Part No. - NGD15N41CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGD15N41CL ONSEMI-NGD15N41CL Datasheet
167Kb / 11P
   Ignition IGBT 15 Amps, 410 Volts
May, 2006 ??Rev. 7
NGD15N41CLT4 ONSEMI-NGD15N41CLT4 Datasheet
167Kb / 11P
   Ignition IGBT 15 Amps, 410 Volts
May, 2006 ??Rev. 7
NGD15N41CLT4G ONSEMI-NGD15N41CLT4G Datasheet
167Kb / 11P
   Ignition IGBT 15 Amps, 410 Volts
May, 2006 ??Rev. 7
NGD15N41CLT4G ONSEMI-NGD15N41CLT4G Datasheet
147Kb / 11P
   Ignition IGBT 15 A, 410 V N.Channel DPAK, D2PAK and TO.220
December, 2011 ??Rev. 8
NGD15N41CL ONSEMI-NGD15N41CL_11 Datasheet
147Kb / 11P
   Ignition IGBT 15 A, 410 V N.Channel DPAK, D2PAK and TO.220
December, 2011 ??Rev. 8
More results

Similar Description - NGD15N41CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGB15N40CL ONSEMI-MGB15N40CL Datasheet
81Kb / 12P
   Ignition IGBT 15 Amps, 410 Volts
April, 2002 ??Rev. 7
NGD15N41CL ONSEMI-NGD15N41CL Datasheet
167Kb / 11P
   Ignition IGBT 15 Amps, 410 Volts
May, 2006 ??Rev. 7
MGP15N40CL ONSEMI-MGP15N40CL_05 Datasheet
91Kb / 10P
   Ignition IGBT 15 Amps, 410 Volts N-Channel TO-220 and D2PAK
December, 2005 ??Rev. 8
NGB8204N ONSEMI-NGB8204N Datasheet
150Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
August, 2006 ??Rev. 3
NGB18N40CLBT4 ONSEMI-NGB18N40CLBT4_06 Datasheet
87Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
May, 2006 ??Rev. 3
NGB18N40CLB ONSEMI-NGB18N40CLB Datasheet
126Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
December, 2011 ??Rev. 4
NGB8204N ONSEMI-NGB8204N_11 Datasheet
127Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
December, 2011 ??Rev. 4
NGD18N40CLB ONSEMI-NGD18N40CLB Datasheet
152Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
May, 2006 ??Rev. 7
NGD18N40CLBT4 ONSEMI-NGD18N40CLBT4 Datasheet
70Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
November, 2003 ??Rev. 5
MGP15N35CL ONSEMI-MGP15N35CL_06 Datasheet
250Kb / 10P
   Ignition IGBT 15 Amps, 350 Volts N-Channel TO-220 and D2PAK
July, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com